Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA0861DRS7P2 Datasheet(PDF) 9 Page - ANADIGICS, Inc

Part # ACA0861DRS7P2
Description  750/860 MHz CATV Line Amplifier MMIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA0861DRS7P2 Datasheet(HTML) 9 Page - ANADIGICS, Inc

Back Button ACA0861DRS7P2 Datasheet HTML 5Page - ANADIGICS, Inc ACA0861DRS7P2 Datasheet HTML 6Page - ANADIGICS, Inc ACA0861DRS7P2 Datasheet HTML 7Page - ANADIGICS, Inc ACA0861DRS7P2 Datasheet HTML 8Page - ANADIGICS, Inc ACA0861DRS7P2 Datasheet HTML 9Page - ANADIGICS, Inc ACA0861DRS7P2 Datasheet HTML 10Page - ANADIGICS, Inc ACA0861DRS7P2 Datasheet HTML 11Page - ANADIGICS, Inc ACA0861DRS7P2 Datasheet HTML 12Page - ANADIGICS, Inc ACA0861DRS7P2 Datasheet HTML 13Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet - Rev 2.3
09/2008
ACA0861 - A, B, C, D
9
ACA0861A and ACA0861B Cascade Typical Data (see figure 42)
Figure 16: CTB (128 Channel Loading, Flat)
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
0
200
400
600
800
1000
Frequency (MHz)
48
46
44
42
40
Output
Power
(dBmV)
Figure 17: CSO (128 Channel Loading, Flat)
-90
-85
-80
-75
-70
-65
-60
-55
-50
0
200
400
600
800
1000
Frequency (MHz)
48
46
44
42
40
Output
Power
(dBmV)
Figure 18: XMOD (128 Channel Loading, Flat)
-70
-65
-60
-55
-50
-45
-40
-35
-30
0
200
400
600
800
1000
Frequency (MHz)
48
46
44
42
40
Output
Power
(dBmV)


Similar Part No. - ACA0861DRS7P2

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ACA0861DRS7P2 SKYWORKS-ACA0861DRS7P2 Datasheet
1Mb / 18P
   750/860 MHz CATV Line Amplifier MMIC
September 16, 2016
More results

Similar Description - ACA0861DRS7P2

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA0861 ANADIGICS-ACA0861 Datasheet
452Kb / 11P
   750/860 MHz CATV LINE AMPLIFIER MMIC
logo
Skyworks Solutions Inc.
ACA0861-A SKYWORKS-ACA0861-A Datasheet
1Mb / 18P
   750/860 MHz CATV Line Amplifier MMIC
September 16, 2016
logo
ANADIGICS, Inc
ACA2401S7 ANADIGICS-ACA2401S7 Datasheet
147Kb / 4P
   750/870 MHz Power Dobler CATV LINE AMPLIFIER MMIC
ACA1205 ANADIGICS-ACA1205 Datasheet
231Kb / 12P
   750/870 MHZ CATV LINE AMPLIFIER
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407E SKYWORKS-ACA2407E Datasheet
561Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
ANADIGICS, Inc
ACA2402E ANADIGICS-ACA2402E Datasheet
194Kb / 12P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2407E ANADIGICS-ACA2407E_12 Datasheet
346Kb / 11P
   750/870 MHz CATV Power Doubler Line Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com