Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA2402E Datasheet(PDF) 9 Page - ANADIGICS, Inc

Part # ACA2402E
Description  750/870 MHz CATV Push-Pull Line Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2402E Datasheet(HTML) 9 Page - ANADIGICS, Inc

Back Button ACA2402E_12 Datasheet HTML 2Page - ANADIGICS, Inc ACA2402E_12 Datasheet HTML 3Page - ANADIGICS, Inc ACA2402E_12 Datasheet HTML 4Page - ANADIGICS, Inc ACA2402E_12 Datasheet HTML 5Page - ANADIGICS, Inc ACA2402E_12 Datasheet HTML 6Page - ANADIGICS, Inc ACA2402E_12 Datasheet HTML 7Page - ANADIGICS, Inc ACA2402E_12 Datasheet HTML 8Page - ANADIGICS, Inc ACA2402E_12 Datasheet HTML 9Page - ANADIGICS, Inc ACA2402E_12 Datasheet HTML 10Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Data Sheet - Rev 2.3
04/2012
ACA2402E
Figure 10: S7 Package Outline - 16 Pin Wide Body SOIC with Heat Slug
PACKAGE OUTLINE


Similar Part No. - ACA2402E_12

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2402ERS7P2 ANADIGICS-ACA2402ERS7P2 Datasheet
194Kb / 12P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2402ES7P2 ANADIGICS-ACA2402ES7P2 Datasheet
194Kb / 12P
   750/870 MHz CATV Push-Pull Line Amplifier
More results

Similar Description - ACA2402E_12

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2402E ANADIGICS-ACA2402E Datasheet
194Kb / 12P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2402 ANADIGICS-ACA2402_08 Datasheet
629Kb / 13P
   750/870/1000 MHz CATV Push-Pull Line Amplifier
logo
Skyworks Solutions Inc.
ACA2402 SKYWORKS-ACA2402 Datasheet
645Kb / 14P
   750/870/1000 MHz CATV Push-Pull Line Amplifier
logo
ANADIGICS, Inc
ACA1205 ANADIGICS-ACA1205 Datasheet
231Kb / 12P
   750/870 MHZ CATV LINE AMPLIFIER
ACA2408 ANADIGICS-ACA2408 Datasheet
209Kb / 12P
   870 MHz, 34 dB Gain CATV Push-Pull Line Amplifier
logo
Quanzhou Jinmei Electro...
MC-7832_2015 JMNIC-MC-7832_2015 Datasheet
60Kb / 6P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
ANADIGICS, Inc
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
California Eastern Labs
MC-7832 CEL-MC-7832_1 Datasheet
280Kb / 7P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com