Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA2407RS7P2 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # ACA2407RS7P2
Description  750/870/1000 MHz CATV Power Doubler Line Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2407RS7P2 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  ACA2407RS7P2 Datasheet HTML 1Page - ANADIGICS, Inc ACA2407RS7P2 Datasheet HTML 2Page - ANADIGICS, Inc ACA2407RS7P2 Datasheet HTML 3Page - ANADIGICS, Inc ACA2407RS7P2 Datasheet HTML 4Page - ANADIGICS, Inc ACA2407RS7P2 Datasheet HTML 5Page - ANADIGICS, Inc ACA2407RS7P2 Datasheet HTML 6Page - ANADIGICS, Inc ACA2407RS7P2 Datasheet HTML 7Page - ANADIGICS, Inc ACA2407RS7P2 Datasheet HTML 8Page - ANADIGICS, Inc ACA2407RS7P2 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Data Sheet - Rev 2.4
04/2011
ACA2407
Table 4: AC and DC Electrical Specifications
(Ta = +25 °C, Vdd = +24 VDC)
Notes:
(1) Measured with baluns on the input and output of the device.
(2)Partsmeasuredwith77channels,+56dBmVpower,13.5dBtiltat870MHz.
(3)Partsmeasuredwith110channels,+52dBmVpower,13.5dBtiltat870MHz.
(4)79analogchannelsplusQAM,+55dBmV,15.6dBtiltat1GHz.
(5)112analogchannelsplusQAM,+51dBmV,15.6dBtiltat1GHz.
(6)QAMisset6dBbelowanalogcarrier.
7.AllspecificationsasmeasuredonEvaluationBoard(seeFigures13&14).
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Gain @ 1000 MHz (1)
20.8
21.3
22.1
dB
Cable Equivalent Slope (1)
-
0
-
dB
Gain Flatness (1) @ 1000 MHz
-
0.2
-
dB
Noise Figure (1)
-
4.0
4.5
dB
CTB (1)
77 Channels (2)
79 Channels plus QAM to 1 GHz (4), (6)
110 Channels (3)
112 Channels plus QAM to 1 GHz (5), (6)
-
-
-
-
-76
-
-71
-
-74
-80
-
-75
dBc
CSO (1)
77 Channels (2)
79 Channels plus QAM to 1 GHz (4), (6)
110 Channels (3)
112 Channels plus QAM to 1 GHz (5), (6)
-
-
-
-
-71
-
-66
-
-69
-72
-
-67
dBc
XMOD (1)
77 Channels (2)
79 Channels plus QAM to 1 GHz (4), (6)
110 Channels (3)
112 Channels plus QAM to 1 GHz (5), (6)
-
-
-
-
-66
-
-66
-
-64
-70
-
-70
dBc
Return Loss (Input/Output) (1)
19
22
-
dB
75  system
Supply Current
415
425
435
mA
Thermal Resistance
-
-
3.8
o
C/W


Similar Part No. - ACA2407RS7P2

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ACA2407RS7P2 SKYWORKS-ACA2407RS7P2 Datasheet
578Kb / 14P
   750/870/1000 MHz CATV Power Doubler Line Amplifier
More results

Similar Description - ACA2407RS7P2

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ACA2407 SKYWORKS-ACA2407 Datasheet
578Kb / 14P
   750/870/1000 MHz CATV Power Doubler Line Amplifier
logo
ANADIGICS, Inc
ACA2401 ANADIGICS-ACA2401 Datasheet
242Kb / 16P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407E SKYWORKS-ACA2407E Datasheet
561Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
ANADIGICS, Inc
ACA2407E ANADIGICS-ACA2407E_12 Datasheet
346Kb / 11P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA1205 ANADIGICS-ACA1205 Datasheet
231Kb / 12P
   750/870 MHZ CATV LINE AMPLIFIER
ACA2402 ANADIGICS-ACA2402_08 Datasheet
629Kb / 13P
   750/870/1000 MHz CATV Push-Pull Line Amplifier
logo
Skyworks Solutions Inc.
ACA2402 SKYWORKS-ACA2402 Datasheet
645Kb / 14P
   750/870/1000 MHz CATV Push-Pull Line Amplifier
logo
ANADIGICS, Inc
ACA2401S7 ANADIGICS-ACA2401S7 Datasheet
147Kb / 4P
   750/870 MHz Power Dobler CATV LINE AMPLIFIER MMIC
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
   750/870 MHz CATV Push-Pull Line Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com