Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6261KLYTR-T Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A6261KLYTR-T
Description  The A6261 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6261KLYTR-T Datasheet(HTML) 2 Page - Allegro MicroSystems

  A6261KLYTR-T Datasheet HTML 1Page - Allegro MicroSystems A6261KLYTR-T Datasheet HTML 2Page - Allegro MicroSystems A6261KLYTR-T Datasheet HTML 3Page - Allegro MicroSystems A6261KLYTR-T Datasheet HTML 4Page - Allegro MicroSystems A6261KLYTR-T Datasheet HTML 5Page - Allegro MicroSystems A6261KLYTR-T Datasheet HTML 6Page - Allegro MicroSystems A6261KLYTR-T Datasheet HTML 7Page - Allegro MicroSystems A6261KLYTR-T Datasheet HTML 8Page - Allegro MicroSystems A6261KLYTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Protected LED Array Driver
A6261
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Absolute Maximum Ratings1
Characteristic
Symbol
Notes
Rating
Unit
Load Supply Voltage
VIN
–0.3 to 50
V
Pin EN
–0.3 to 50
V
Pins LA[1:4]
–0.3 to 50
V
Pin FF
–0.3 to 50
V
Pins IREF, THTH
–0.3 to 6.5
V
Ambient Operating Temperature
Range2
TA
E temperature range
–40 to 85
°C
K temperature range
–40 to 125
°C
Maximum Continuous Junction
Temperature
TJ(max)
150
°C
Transient Junction Temperature
TtJ
Over temperature event not exceeding 10 s, lifetime duration
not exceeding 10 h, guaranteed by design characterization
175
°C
Storage Temperature Range
Tstg
–55 to 150
°C
1With respect to GND.
2Limited by power dissipation.
Selection Guide
Part Number
Ambient Operating
Temperature, TA (°C)
Packing
Package
A6261ELPTR-T
–40 to 85
4000 pieces per 13-in. reel
16-pin TSSOP with exposed thermal pad,
4.4 × 5 mm case
A6261KLPTR-T
–40 to 125
4000 pieces per 13-in. reel
A6261KLYTR-T
–40 to 125
4000 pieces per 13-in. reel
10-pin MSOP with exposed thermal pad,
3 × 3 mm case
Thermal Characteristics*may require derating at maximum conditions, see application information
Characteristic
Symbol
Test Conditions*
Value
Unit
Package Thermal Resistance
(Junction to Ambient)
RθJA
LP package
On 4-layer PCB based on JEDEC standard
34
ºC/W
On 2-layer PCB with 3.8 in.2 of copper area each side
43
ºC/W
LY package
On 4-layer PCB based on JEDEC standard
48
ºC/W
On 2-layer PCB with 2.5 in.2 of copper area each side
48
ºC/W
Package Thermal Resistance
(Junction to Pad)
RθJP
2
ºC/W
*To be verified by characterization. Additional thermal information available on the Allegro® website.


Similar Part No. - A6261KLYTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6260 ALLEGRO-A6260 Datasheet
290Kb / 10P
   High Brightness LED Current Regulator
A6260KLJTR-T ALLEGRO-A6260KLJTR-T Datasheet
290Kb / 10P
   High Brightness LED Current Regulator
A6260_V ALLEGRO-A6260_V Datasheet
302Kb / 12P
   High Brightness LED Current Regulator
A6262 ALLEGRO-A6262 Datasheet
359Kb / 15P
   The A6262 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
A6262KLPTR-T ALLEGRO-A6262KLPTR-T Datasheet
359Kb / 15P
   The A6262 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
More results

Similar Description - A6261KLYTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6262 ALLEGRO-A6262 Datasheet
359Kb / 15P
   The A6262 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
A6264 ALLEGRO-A6264 Datasheet
374Kb / 16P
   The A6264 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
logo
SHOUDING Shouding Semic...
SD4056 SHOUDING-SD4056 Datasheet
383Kb / 16P
   High capacity of up to 1000 mA programmable charge current
logo
SHANGHAI BELLING CO., L...
BL59A66 BELLING-BL59A66 Datasheet
351Kb / 4P
   The BL59A66 is a low-current BiCMOS circuit providing all of the features
logo
List of Unclassifed Man...
SERIES ETC2-SERIES_61 Datasheet
925Kb / 9P
   Choose one component from each of the colored sections to assemble a complete switch.
logo
Allegro MicroSystems
APS13568 ALLEGRO-APS13568 Datasheet
556Kb / 22P
   Linear LED drive up to 150 mA
logo
PHOENIX CONTACT
REL-MR-110DC PHOENIX-REL-MR-110DC Datasheet
111Kb / 5P
   Switching current of up to 16 A
logo
Allegro MicroSystems
UDN2987X-6 ALLEGRO-UDN2987X-6_12 Datasheet
253Kb / 9P
   Providing overcurrent protection for each of its eight sourcing outputs, the UDN2987LW-6 driver is used as an..
A6267 ALLEGRO-A6267 Datasheet
349Kb / 17P
   The A6267 is a DC-to-DC converter controller, providing a programmable constant current output for driving high power LEDs in series.
A6265 ALLEGRO-A6265 Datasheet
349Kb / 17P
   The A6265 is a DC-to-DC converter controller, providing a programmable constant current output for driving high power LEDs in series.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com