Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6267 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A6267
Description  The A6267 is a DC-to-DC converter controller, providing a programmable constant current output for driving high power LEDs in series.
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6267 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A6267 Datasheet HTML 2Page - Allegro MicroSystems A6267 Datasheet HTML 3Page - Allegro MicroSystems A6267 Datasheet HTML 4Page - Allegro MicroSystems A6267 Datasheet HTML 5Page - Allegro MicroSystems A6267 Datasheet HTML 6Page - Allegro MicroSystems A6267 Datasheet HTML 7Page - Allegro MicroSystems A6267 Datasheet HTML 8Page - Allegro MicroSystems A6267 Datasheet HTML 9Page - Allegro MicroSystems A6267 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Automotive High Current LED Controller
A6267
6
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
OSC Watchdog Period
tOSWD
Between successive rising edges
7
μs
CKOUT Output High Voltage
VCOH
IOH = –1 mA
VREG – 1
VREG
V
CKOUT Output Low Voltage
VCOL
IOL = 1 mA
0.4
V
LED Current Sense
Input Bias Current LN (BB mode)3
ILN
LP = LN = VIN
6
μA
Input Bias Current LP (BB mode)3
ILP
LP = LN = VIN
220
μA
Input Bias Current LN (B mode)3
ILN
LP = LN = 0 V
–2
μA
Input Bias Current LP (B mode)3
ILP
LP = LN = 0 V
–25
μA
Differential Input Voltage (Active)
VIDL
EN = High, VIDL = VLP – VLN
100
mV
Input Common-Mode Range (BB mode)3
VCMLH
VLP = VLN
VIN
–VIN + 1
V
Input Common-Mode Range (B mode)3
VCMLL
VLP = VLN
0
1
V
Current Error
EISL
[(10 × ILED × RSL) – 1] × 100
–5
5
%
Switch Current Sense
Input Bias Current
IBIASS
SP = SN = 0 to 2 V
–30
μA
Maximum Differential Input Voltage4
VIDS
VIDS = VSP – VSN with D = 50%
110
145
180
mV
Input Source Current
IINS
VIDS = 120 mV
120
μA
Input Common-Mode Range
VCMS
VSP = VSN
0
2
V
Diagnostics and Protection
Fault Blank Timer5
tFB
Start-up
3
ms
VREG Undervoltage Turn-Off
VREGUV
Decreasing VREG
4.1
4.3
4.5
V
VREG Undervoltage Hysteresis
VREGUVhys
130
150
160
mV
LED String Short Voltage
VSCL
430
505
580
mV
Non-Reference LED Short Offset
Voltage
VSCO
160
200
240
mV
Reference LED Short Offset Voltage
VSCOR
430
505
580
mV
LED Open Voltage
VOCL
5
5.5
6
V
LF Bias Current (BB mode)3
ILF
LF = LA = VIN + 1.7 V
46
μA
LA Bias Current (BB mode)3
ILA
LF = LA = VIN + 1.7 V
170
μA
LF Bias Current (B mode)3
ILF
LF = 1.7 V
8
μA
LA Bias Current (B mode)3
ILA
LA = 1.7 V
34
μA
LED Undercurrent Voltage Difference6
VUCL
1
mV
Open Fault Time-Out
tOTO
fOSC = 350 kHz
94
ms
Overtemperature Warning Threshold
TJF
Temperature increasing
170
ºC
Overtemperature Hysteresis
TJhys
Recovery = TJF – TJhys
–15–
ºC
1For input and output current specifications, negative current is defined as coming out of (sourcing) the specified device pin.
2Function is correct but parameters are not guaranteed below the general limit (8 V).
3BB mode = buck-boost (supply-referenced) mode, B mode = boost (ground-referenced) mode.
4Parameters guaranteed by design.
5Fault Blank timer not enabled for open-LED condition.
6Undercurrent when VSENSEL < VIDL– VUCL, where VSENSEL is the voltage across the LED current sense resistor RSL.
ELECTRICAL CHARACTERISTICS1 (continued) Valid at TJ = –40°C to 150°C, VIN = 8 to 40 V; unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Oscillator (continued)


Similar Part No. - A6267

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6260 ALLEGRO-A6260 Datasheet
290Kb / 10P
   High Brightness LED Current Regulator
A6260KLJTR-T ALLEGRO-A6260KLJTR-T Datasheet
290Kb / 10P
   High Brightness LED Current Regulator
A6260_V ALLEGRO-A6260_V Datasheet
302Kb / 12P
   High Brightness LED Current Regulator
A6261 ALLEGRO-A6261 Datasheet
358Kb / 15P
   The A6261 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
A6261ELPTR-T ALLEGRO-A6261ELPTR-T Datasheet
358Kb / 15P
   The A6261 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
More results

Similar Description - A6267

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6265 ALLEGRO-A6265 Datasheet
349Kb / 17P
   The A6265 is a DC-to-DC converter controller, providing a programmable constant current output for driving high power LEDs in series.
A6268 ALLEGRO-A6268 Datasheet
369Kb / 19P
   The A6268 is a DC-to-DC converter controller, providing a programmable constant current output for driving high power LEDs in series.
A6266 ALLEGRO-A6266 Datasheet
338Kb / 17P
   The A6266 is a boost converter controller, providing a programmable constant current output for driving high power LEDs in series.
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
597Kb / 20P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_1 Datasheet
667Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
logo
Diodes Incorporated
AP8800EV1 DIODES-AP8800EV1 Datasheet
175Kb / 8P
   step-down DC/DC converter designed to drive LEDs with a constant current.
AP8802EV2 DIODES-AP8802EV2 Datasheet
216Kb / 8P
   step-down DC/DC converter designed to drive LEDs with a constant current.
logo
STMicroelectronics
AN937 STMICROELECTRONICS-AN937 Datasheet
1,014Kb / 29P
   The L4971 is a 1.5 A monolithic dc-dc converter
logo
Unisonic Technologies
L5107 UTC-L5107 Datasheet
229Kb / 9P
   CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com