Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6268KLPTR-T Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A6268KLPTR-T
Description  The A6268 is a DC-to-DC converter controller, providing a programmable constant current output for driving high power LEDs in series.
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6268KLPTR-T Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A6268KLPTR-T Datasheet HTML 5Page - Allegro MicroSystems A6268KLPTR-T Datasheet HTML 6Page - Allegro MicroSystems A6268KLPTR-T Datasheet HTML 7Page - Allegro MicroSystems A6268KLPTR-T Datasheet HTML 8Page - Allegro MicroSystems A6268KLPTR-T Datasheet HTML 9Page - Allegro MicroSystems A6268KLPTR-T Datasheet HTML 10Page - Allegro MicroSystems A6268KLPTR-T Datasheet HTML 11Page - Allegro MicroSystems A6268KLPTR-T Datasheet HTML 12Page - Allegro MicroSystems A6268KLPTR-T Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Automotive High Current LED Controller
A6268
9
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
LF Single diode forward voltage reference input. Measures the
forward voltage of the first LED. This value is used as a reference
against the voltage on the LA pin to detect possible shorted LEDs
in the LED string.
Circuit Operation
Converter A constant frequency, current mode control scheme
is used to regulate the current through the LEDs. There are two
control loops within the regulator. The inner loop formed by the
amplifier, AS (see the Functional Block Diagram for AS, AC, AE,
and AL), comparator, AC, and the RS bistable, controls the induc-
tor current as measured through the switch by the switch sense
resistor, RSS.
The outer loop including the amplifier, AL, and the integrating
error amplifier, AE, controls the average LED current by provid-
ing a setpoint reference for the inner loop.
The LED current is measured by the LED sense resistor, RSL,
and compared to the internal reference current to produce an
integrated error signal at the output of AE. This error signal sets
the average amount of energy required from the inductor by the
LEDs. The average inductor energy transferred to the LEDs is
defined by the average inductor current as determined by the
inner control loop.
The inner loop establishes the average inductor current by
controlling the peak switch current on a cycle-by-cycle basis.
Because the relationship between peak current and average cur-
rent is non-linear, depending on the duty cycle, the reference
level for the peak switch current is modified by a slope generator.
This compensation reduces the peak switch current measurement
by a small amount as the duty cycle increases (refer to figure 1).
The slope compensation also removes the instability inherent in a
fixed frequency current control scheme.
The control loops work together as follows: the switch current,
sensed by the switch current sense resistor, RSS, is compared
to the LED current error signal. As the LED current increases
the output of AE will reduce, reducing the peak switch current
and thus the current delivered to the LEDs. As the LED current
decreases the output of AE increases, increasing the peak switch
current and thus increasing the current delivered to the LEDs.
Under some conditions, especially when the LED current is set to
a low value, the energy required in the inductor may result in the
inductor current dropping to zero for part of each cycle. This is
known as discontinuous mode operation, and results in some low
frequency ripple. The average LED current, however, remains
regulated down to zero. In discontinuous mode, when the induc-
tor current drops to zero, the voltage at the drain of the external
MOSFET rings, due to the resonant LC circuit formed by the
inductor, and the switch and diode capacitance. This ringing is
low frequency and is not harmful.
Switch Current Limit The switch current is measured by the
switch sense resistor, RSS, and the switch sense amplifier, AS
(see the Functional Block Diagram). The input limit of the sense
amplifier, VIDS, and the maximum switch current, ISMAX, define
the maximum value of the sense resistor as:
RSS = VIDS / ISMAX
(1)
This defines the maximum measurable value of the switch (and
inductor) current.
The maximum switch current is modulated by the on-time of the
switch. An internal slope compensation signal is subtracted from
the voltage sense signal to produce a peak sense voltage which
effectively defines the current limit. This signal is applied at a
rate of –16 mV/ μs starting with no contribution (t = 0 μs) at the
beginning of each switching cycle. Figure 1 illustrates how the
peak sense voltage (typical values) changes over a period of 3 μs.
For example, the maximum current (typical) through the switch
at t = 1.5 μs (D = 50%) would be 145 mV/RSS, however, if the
switch remained on for a further 1 μs, the maximum current
through the switch would be 129 mV/RSS.
200
150
100
50
0
01
Period (μs)
23
Figure 1. Slope compensation for peak switch current control.


Similar Part No. - A6268KLPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6260 ALLEGRO-A6260 Datasheet
290Kb / 10P
   High Brightness LED Current Regulator
A6260KLJTR-T ALLEGRO-A6260KLJTR-T Datasheet
290Kb / 10P
   High Brightness LED Current Regulator
A6260_V ALLEGRO-A6260_V Datasheet
302Kb / 12P
   High Brightness LED Current Regulator
A6261 ALLEGRO-A6261 Datasheet
358Kb / 15P
   The A6261 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
A6261ELPTR-T ALLEGRO-A6261ELPTR-T Datasheet
358Kb / 15P
   The A6261 is a linear, programmable current regulator providing up to 100 mA from each of four outputs to drive arrays of high brightness LEDs.
More results

Similar Description - A6268KLPTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6267 ALLEGRO-A6267 Datasheet
349Kb / 17P
   The A6267 is a DC-to-DC converter controller, providing a programmable constant current output for driving high power LEDs in series.
A6265 ALLEGRO-A6265 Datasheet
349Kb / 17P
   The A6265 is a DC-to-DC converter controller, providing a programmable constant current output for driving high power LEDs in series.
A6266 ALLEGRO-A6266 Datasheet
338Kb / 17P
   The A6266 is a boost converter controller, providing a programmable constant current output for driving high power LEDs in series.
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
597Kb / 20P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_1 Datasheet
667Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
logo
Diodes Incorporated
AP8800EV1 DIODES-AP8800EV1 Datasheet
175Kb / 8P
   step-down DC/DC converter designed to drive LEDs with a constant current.
AP8802EV2 DIODES-AP8802EV2 Datasheet
216Kb / 8P
   step-down DC/DC converter designed to drive LEDs with a constant current.
logo
STMicroelectronics
AN937 STMICROELECTRONICS-AN937 Datasheet
1,014Kb / 29P
   The L4971 is a 1.5 A monolithic dc-dc converter
logo
Unisonic Technologies
L5107 UTC-L5107 Datasheet
229Kb / 9P
   CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com