Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6282 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A6282
Description  16-Channel Constant-Current LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6282 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A6282 Datasheet HTML 5Page - Allegro MicroSystems A6282 Datasheet HTML 6Page - Allegro MicroSystems A6282 Datasheet HTML 7Page - Allegro MicroSystems A6282 Datasheet HTML 8Page - Allegro MicroSystems A6282 Datasheet HTML 9Page - Allegro MicroSystems A6282 Datasheet HTML 10Page - Allegro MicroSystems A6282 Datasheet HTML 11Page - Allegro MicroSystems A6282 Datasheet HTML 12Page - Allegro MicroSystems A6282 Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
16-Channel Constant-Current LED Driver
A6282
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Load Supply Voltage (VLED)
This device is designed to operate with driver voltage drops (VDS)
of 1.0 to 3.0V. If higher voltages are dropped across the driver,
package power dissipation will increase. To minimize package
power dissipation, it is recommended to use the lowest possible
load supply voltage, VLED, or to set a series voltage drop, VDROP,
according to the following formula:
VDROP = VLED – VF – VDS ,
where VF is the LED forward voltage. For reference, typical LED
forward voltages are:
LED Type
VF (V)
White
3.5 to 4.0
Blue
3.0 to 5.5
Green
1.8 to 2.5
Yellow
2.0 to 2.5
Amber
1.9 to 3.0
Red
1.6 to 2.5
Infrared
1.2 to 1.8
UV
3.0 to 4.0
VDROP = IO×RDROP for a single driver, for a Zener diode (VZ),
or for a series string of silicon diodes (approximately 0.7 V per
diode) for a group of drivers (these configurations are shown
in the figure below). If the available voltage source will cause
unacceptable power dissipation and series resistors or diodes are
undesirable, a voltage regulator can be used to provide VLED.
Pattern Layout
To save pins and board space, the A6282 uses one pin for both
logic ground and power ground. Therefore, achieving optimal
performance requires careful attention to layout. Following the
suggestions below will improve the analog performance and logic
noise immunity.
1. Place the REXT resistor as close as possible to the REXT
pin and GND pin. This will minimize parasitic inductance and
capacitance.
2. Use a separate line to the device GND pin for REXT, and sepa-
rate lines for the decoupling capacitors. The lines should join at
ground. This star grounding will improve output load regulation
and minimize any chance of oscillation.
The REXT ground line should carry only the small current from
the internal voltage reference at REXT. The high AC currents
flowing through the decoupling capacitors and their resistive and
inductive PCB lines cause noise (ground bounce) on the capacitor
ground lines. Such noise could disturb the reference voltage at
REXT and promote oscillation. Connect the exposed thermal pad
of the ES and LP packages to the power ground, along with the
decoupling capacitors, and not to the ground line for REXT.
3. Keep the output drive lines (OUT0 through OUT15) away
from the REXT pin to avoid coupling of the output signal into
the reference for the current sources. Output lines should not run
adjacent to the REXT pin or directly under the REXT pin.
4. Use decoupling capacitors on the VDD pin and the LED sup-
ply bus. Place the logic decoupling capacitor (0.1 μF, one for
each A6282) as close as possible to the VDD pin. Use at least one
10 μF capacitor from the LED supply line to device ground for at
least every two A6282s.
5. Use multilayer boards if possible.
Package Power Dissipation
The maximum allowable package power dissipation based on
package type is determined by:
PD(max) = (150 – TA) / RJA,
where RJA is the thermal resistance of the package, determined
experimentally. Power dissipation levels based on the package are
shown in the Thermal Characteristics table.
The actual package power dissipation is determined by:
PD(act) = DC ×(VDS ×IO×16) + (VDD×IDD),
where DC is the duty cycle. The value 16 is the maximum
number of available device outputs, representing the worst-case
scenario (displaying all 16 LEDs). When the load supply voltage,
VLED, is greater than 3 to 5 V, and PD(act) > PD(max), an external
voltage reducer (VDROP) must be used (figure at left). Reducing
DC will also reduce power dissipation. The ES and LP packages
contain an exposed thermal pad on the bottom of the package
for enhanced heat dissipation. Connect this pad to a large power
ground plane using thermal vias. JEDEC documents JESD51-3
and JESD51-5 give suggestions for PCB and thermal via designs.
V
DS
V
F
V
DROP
V
LED
V
DS
V
F
V
DROP
V
LED
V
DS
V
F
V
DROP
V
LED
Application Information
Typical application voltage drops


Similar Part No. - A6282

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6282 ALLEGRO-A6282 Datasheet
440Kb / 13P
   16-Channel Constant-Current LED Driver
A6282EES-T ALLEGRO-A6282EES-T Datasheet
440Kb / 13P
   16-Channel Constant-Current LED Driver
A6282EESTR-T ALLEGRO-A6282EESTR-T Datasheet
440Kb / 13P
   16-Channel Constant-Current LED Driver
A6282ELP-T ALLEGRO-A6282ELP-T Datasheet
440Kb / 13P
   16-Channel Constant-Current LED Driver
A6282ELPTR-T ALLEGRO-A6282ELPTR-T Datasheet
440Kb / 13P
   16-Channel Constant-Current LED Driver
More results

Similar Description - A6282

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016 Datasheet
180Kb / 14P
   16-Channel Constant Current LED Driver
April, 2010 ??Rev. 4
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
   16-channel constant current LED driver
logo
LDT Co., Ltd
LD1018 LDT-LD1018 Datasheet
386Kb / 24P
   16 Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4016W-T1 ONSEMI-CAT4016W-T1 Datasheet
293Kb / 15P
   16-Channel Constant Current LED Driver
Doc. No. MD-5028 Rev. D
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
   16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
   16-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016_15 Datasheet
121Kb / 14P
   16-Channel Constant Current LED Driver
July, 2015 ??Rev. 5
logo
LDT Co., Ltd
LD1016H LDT-LD1016H Datasheet
552Kb / 21P
   16 Channel Constant current LED Driver
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016_08 Datasheet
231Kb / 15P
   16-Channel Constant Current LED Driver
logo
SHANGHAI BELLING CO., L...
BL8589 BELLING-BL8589 Datasheet
416Kb / 12P
   16-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com