Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5204 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5204
Description  8-Bit Dual Nonvolatile Memory Digital Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5204 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5204 Datasheet HTML 5Page - Analog Devices AD5204 Datasheet HTML 6Page - Analog Devices AD5204 Datasheet HTML 7Page - Analog Devices AD5204 Datasheet HTML 8Page - Analog Devices AD5204 Datasheet HTML 9Page - Analog Devices AD5204 Datasheet HTML 10Page - Analog Devices AD5204 Datasheet HTML 11Page - Analog Devices AD5204 Datasheet HTML 12Page - Analog Devices AD5204 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. 0
AD5232
–9–
Table III. Instruction/Operation Truth Table
Instruction Byte 1
Data Byte 0
Inst
B15
B8
B7
B0
No.
C3 C2 C1 C0 A3 A2 A1 A0
D7 D6 D5 D4 D3 D2 D1 D0
Operation
0
0000
XXXX
XX
X
X
XXX
X
No Operation (NOP). Do nothing.
1
0001000A0
X
X
X
X
XXX
X
Write contents of EEMEM(A0) to
RDAC(A0) Register. This command
leaves device in the Read Program power
state. To return part to the idle state,
perform NOP instruction #0.
2
0010000A0
X
X
X
X
XXX
X
SAVE WIPER SETTING. Write con-
tents of RDAC(ADDR) to EEMEM(A0)
3
0011
<< ADDR >>
D7 D6 D5 D4 D3 D2 D1 D0
Write contents of Serial Register Data
Byte 0 to EEMEM(ADDR).
4
0100000A0
XXXXXXXX
Decrement 6 dB right shift contents of
RDAC(A0), stops at all “Zeros.”
5
0101
XXXX
XXXXXXXX
Decrement All 6 dB right shift contents
of all RDAC Registers, stops at all “Zeros.”
6
0110000A0
XXXXXXXX
Decrement contents of RDAC(A0) by
“One,” stops at all “Zeros.”
7
0111
XXXX
XXXXXXXX
Decrement contents of all RDAC Regis-
ters by “One,” stops at all “Zeros.”
8
10000000
XXXXXXXX
RESET. Load all RDACs with their cor-
responding EEMEM previously-saved
values.
9
1001
<< ADDR >>
XXXXXXXX
Write contents of EEMEM(ADDR) to
Serial Register Data Byte 0.
10
1010000A0
XXXXXXXX
Write contents of RDAC(A0) to Serial
Register Data Byte 0.
11
1011000A0
D7 D6 D5 D4 D3 D2 D1 D0
Write contents of Serial Register Data
Byte 0 to RDAC(A0).
12
1100000A0
XXXXXXXX
Increment 6 dB left shift contents of
RDAC(A0), stops at all “Ones.”
13
1101
XXXX
XXXXXXXX
Increment all 6 dB left shift contents
of all RDAC Registers, stops at all “Ones.”
14
1110000A0
XXXXXXXX
Increment contents of RDAC(A0) by
“One,” stops at all “Ones.”
15
1111
XXXX
XXXXXXXX
Increment contents of all RDAC Regis-
ters “One,” stops at all “Ones.”
NOTES
1. The SDO output shifts out the last eight bits of data clocked into the serial register for daisy-chain operation. Exception: following Instruction #9 or #10 the selected internal
register data will be present in data byte 0. Instructions following #9 and #10 must be a full 16-bit data word to completely clock out the contents of the serial register.
2. The RDAC register is a volatile scratch pad register that is refreshed at power-on from the corresponding nonvolatile EEMEM register.
3. The increment, decrement, and shift commands ignore the contents of the shift register Data Byte 0.
4. Execution of the Operation column noted in the table takes place when the
CS strobe returns to logic high.
5. Execution of a NOP instruction minimizes power dissipation.


Similar Part No. - AD5204

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5204 AD-AD5204 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
AD5204 AD-AD5204 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5204 AD-AD5204 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD5204BCPZ10-REEL AD-AD5204BCPZ10-REEL Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204BCPZ10-REEL AD-AD5204BCPZ10-REEL Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
More results

Similar Description - AD5204

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
AD5232BRUZ10 AD-AD5232BRUZ10 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
logo
Dallas Semiconductor
DS1855 DALLAS-DS1855 Datasheet
252Kb / 20P
   Dual Nonvolatile Digital Potentiometer and Secure Memory
logo
Maxim Integrated Produc...
DS1855 MAXIM-DS1855 Datasheet
509Kb / 21P
   Dual Nonvolatile Digital Potentiometer and Secure Memory
19-6586; Rev 2; 1/13
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
logo
Xicor Inc.
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com