Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM33256B Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # FM33256B
Description  3V Integrated Processor Companion with F-RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM33256B Datasheet(HTML) 5 Page - Cypress Semiconductor

  FM33256B Datasheet HTML 1Page - Cypress Semiconductor FM33256B Datasheet HTML 2Page - Cypress Semiconductor FM33256B Datasheet HTML 3Page - Cypress Semiconductor FM33256B Datasheet HTML 4Page - Cypress Semiconductor FM33256B Datasheet HTML 5Page - Cypress Semiconductor FM33256B Datasheet HTML 6Page - Cypress Semiconductor FM33256B Datasheet HTML 7Page - Cypress Semiconductor FM33256B Datasheet HTML 8Page - Cypress Semiconductor FM33256B Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
FM33256B SPI Companion w/ FRAM
This product conforms to specifications per the terms of the Ramtron
Ramtron International Corporation
standard warranty. The product has completed Ramtron’s internal
1850 Ramtron Drive, Colorado Springs, CO 80921
qualification testing and has reached production status.
(800) 545-FRAM, (719) 481-7000
www.ramtron.com
Rev. 3.0
Aug. 2012
Page 5 of 28
Figure 2. Low VDD Reset
A watchdog timer can also be used to drive an active
reset
signal.
The
watchdog
is
a
free-running
programmable timer. The timeout period can be
software programmed from 60 ms to 1.8 seconds in
60 ms increments via a 5-bit nonvolatile setting
(register 0Ch).
Figure 3. Watchdog Timer
The watchdog also incorporates a window timer
feature that allows a delayed start. The starting time
and ending time defines the window and each may be
set independently.
The starting time has 25 ms
resolution and 0 ms to 775 ms range.
Figure 4. Window Timer
The watchdog EndTime value is located in register
0Ch, bits 4-0, the watchdog enable is bit 7. The
watchdog is restarted by writing the pattern 1010b to
the lower nibble of register 0Ah. Writing the correct
pattern will also cause the timer to load new timeout
values. Writing other patterns to this address will not
affect its operation. Note the watchdog timer is free-
running. Prior to enabling it, users should restart the
timer as described above. This assures that the full
timeout is provided immediately after enabling. The
watchdog is disabled when VDD drops below VTP.
Note setting the EndTime timeout setting to all
zeroes (00000b) disables the timer to save power.
The listing below summarizes the watchdog bits.
Watchdog StartTime
WDST4-0 0Bh, bits 4-0
Watchdog EndTime
WDET4-0 0Ch, bits 4-0
Watchdog Enable
WDE
0Ch, bit 7
Watchdog Restart
WR3-0
0Ah, bits 3-0
Watchdog Flags
EWDF,
09h, bit 7
LWDF
09h, bit 6
The programmed StartTime value is a guaranteed
maximum time while the EndTime value is a
guaranteed minimum time, and both vary with
temperature and VDD voltage. The watchdog has two
additional controls associated with its operation. The
nonvolatile enable bit WDE allows the /RST to go
active if the watchdog reaches the timeout without
being restarted. If a reset occurs, the timer will restart
on the rising edge of the reset pulse. If WDE is not
enabled, the watchdog timer still runs but has no
effect on /RST. The second control is a nibble that
restarts the timer, thus preventing a reset. The timer
should be restarted after changing the timeout value.
This procedure must be followed to properly load the
watchdog registers:
Address
1.
Write the StartTime value
0Bh
2.
Write the EndTime value and WDE=1 0Ch
3.
Issue a Restart command
0Ah
The restart command in step 3 must be issued before
tDOG2, which was programmed in step 2. The window
timer starts counting when the restart command is
issued.
Manual Reset
The /RST is a bi-directional signal allowing the
FM33256B to filter and de-bounce a manual reset
switch. The /RST input detects an external low
condition and responds by driving the /RST signal
low for 100 ms (max.). This effectively filters and de-
bounces a reset switch. After this timeout (tRPU), the
user may continue pulling down on the /RST pin, but
SPI commands will not be locked out.
Timebase
Down Counter
Watchdog
Timer Settings
100 ms
clock
WDE
/RST
WR3-0 = 1010b
to restart
RST
Watchdog
Restart
Start
Time
End
Time
100 ms (max)
Window
VDD
VTP
tRPU
RST


Similar Part No. - FM33256B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM33256B RAMTRON-FM33256B Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
FM33256B RAMTRON-FM33256B Datasheet
1Mb / 8P
   Nonvolatile F-RAM Memory Module (TWR-FRAM)
logo
Cypress Semiconductor
FM33256B CYPRESS-FM33256B Datasheet
859Kb / 30P
   3V Integrated Processor Companion with F-RAM
logo
Ramtron International C...
FM33256B-G RAMTRON-FM33256B-G Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
FM33256B-GTR RAMTRON-FM33256B-GTR Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
More results

Similar Description - FM33256B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM33256B RAMTRON-FM33256B Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
logo
Cypress Semiconductor
FM31L278 CYPRESS-FM31L278 Datasheet
859Kb / 30P
   3V Integrated Processor Companion with F-RAM
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
FM31L278 RAMTRON-FM31L278_11 Datasheet
461Kb / 26P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31L276 CYPRESS-FM31L276 Datasheet
628Kb / 36P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
FM3164-GTR CYPRESS-FM3164-GTR Datasheet
579Kb / 33P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com