Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APS3625 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # APS3625
Description  5-Way Active Splitter with One-Port Bypass 50 MHz to 1000 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

APS3625 Datasheet(HTML) 6 Page - ANADIGICS, Inc

Back Button APS3625 Datasheet HTML 2Page - ANADIGICS, Inc APS3625 Datasheet HTML 3Page - ANADIGICS, Inc APS3625 Datasheet HTML 4Page - ANADIGICS, Inc APS3625 Datasheet HTML 5Page - ANADIGICS, Inc APS3625 Datasheet HTML 6Page - ANADIGICS, Inc APS3625 Datasheet HTML 7Page - ANADIGICS, Inc APS3625 Datasheet HTML 8Page - ANADIGICS, Inc APS3625 Datasheet HTML 9Page - ANADIGICS, Inc APS3625 Datasheet HTML 10Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
PRELIMINARY DATA SHEET - rev 1.1
07/2010
APS3625
Figure 5: reverse isolation vs. Frequency
Figure 6: output return loss vs. Frequency
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
300
600
900
1200
1500
1800
2100
2400
2700
3000
Frequency(MHz)
Figure ?: reverse isolation vs. Frequency
ch1-ch4
ch5
ch5 Bypass
-40
-35
-30
-25
-20
-15
-10
-5
0
0
100
200
300
400
500
600
700
800
900
1000
1100
Frequency(MHz)
Figure ?: output return loss vs. Frequency
ch1-ch4
ch5
ch5 Bypass


Similar Part No. - APS3625

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
APS3623 ANADIGICS-APS3623 Datasheet
387Kb / 12P
   1 GHz Three-way Active Power Splitter Optimized for MoCA-Enabled Subscriber Equipment
APS3623RS26Q1 ANADIGICS-APS3623RS26Q1 Datasheet
387Kb / 12P
   1 GHz Three-way Active Power Splitter Optimized for MoCA-Enabled Subscriber Equipment
APS3626 ANADIGICS-APS3626 Datasheet
335Kb / 7P
   Six-way Active Power Splitter
APS3626RS34Q1 ANADIGICS-APS3626RS34Q1 Datasheet
335Kb / 7P
   Six-way Active Power Splitter
More results

Similar Description - APS3625

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCA-4-10 MINI-SCA-4-10 Datasheet
135Kb / 1P
   Power Splitter/Combiner 4 Way-0째 50??5 to 1000 MHz
SBTC-2-10_10L MINI-SBTC-2-10_10L Datasheet
97Kb / 1P
   Power Splitter/Combiners 2 Way-0째 50??5 to 1000 MHz
SCA-4-20 MINI-SCA-4-20 Datasheet
124Kb / 1P
   Power Splitter/Combiner 4 Way-0째 50??1000 to 2000 MHz
SBTC-2-25_25L MINI-SBTC-2-25_25L Datasheet
99Kb / 1P
   Power Splitter/Combiners 2 Way-0째 50??1000 to 2500 MHz
ZFSC-2-4 MINI-ZFSC-2-4 Datasheet
127Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 0.2 to 1000 MHz
ZFSC-2-2 MINI-ZFSC-2-2 Datasheet
102Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 10 to 1000 MHz
ZAPD-1 MINI-ZAPD-1 Datasheet
161Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 500 to 1000 MHz
logo
List of Unclassifed Man...
ZA4PD-2 ETC2-ZA4PD-2 Datasheet
169Kb / 1P
   Power Splitter/Combiner 4 Way-0째 50廓 1000 to 2000 MHz
logo
Mini-Circuits
ZAPD-2 MINI-ZAPD-2 Datasheet
162Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 1000 to 2000 MHz
logo
M/A-COM Technology Solu...
MAAM-008822 MA-COM-MAAM-008822 Datasheet
264Kb / 7P
   Broadband CATV Single Ended 3-Way Active Splitter 50 - 1100 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com