Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD17304Q3 Datasheet(PDF) 5 Page - Texas Instruments

Part # CSD17304Q3
Description  The NexFET power MOSFET has been designed to minimize losses in power conversion applications and optimized for 5V gate drive applications.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17304Q3 Datasheet(HTML) 5 Page - Texas Instruments

  CSD17304Q3_10 Datasheet HTML 1Page - Texas Instruments CSD17304Q3_10 Datasheet HTML 2Page - Texas Instruments CSD17304Q3_10 Datasheet HTML 3Page - Texas Instruments CSD17304Q3_10 Datasheet HTML 4Page - Texas Instruments CSD17304Q3_10 Datasheet HTML 5Page - Texas Instruments CSD17304Q3_10 Datasheet HTML 6Page - Texas Instruments CSD17304Q3_10 Datasheet HTML 7Page - Texas Instruments CSD17304Q3_10 Datasheet HTML 8Page - Texas Instruments CSD17304Q3_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TC - Case Temperature - °C
-75
-25
25
75
125
175
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1
1
G007
ID = 17A
VGS = 8V
VSD - Source-to-Drain Voltage - V
0
0.2
0.4
0.6
0.8
1
1.2
0.0001
0.001
0.01
0.1
1
10
100
TC = 25°C
TC = 125°C
G008
VDS - Drain-to-Source Voltage - V
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1k
1ms
10ms
11110
1s
DC
100ms
G009
Area Limited
by RDS(on)
Single Pulse
Typical RθJA = 126°C/W (min Cu)
t(AV) - Time in Avalanche - ms
0.01
0.1
1
10
100
1
10
100
1k
1
10
100
1k
TC = 25°C
TC = 125°C
G010
TC - Case Temperature - °C
-50
-25
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
G011
CSD17304Q3
www.ti.com
SLPS258A – FEBRUARY 2010 – REVISED OCTOBER 2010
TYPICAL MOSFET CHARACTERISTICS (continued)
(TA = 25°C unless otherwise stated)
Figure 8. Normalized On-State Resistance vs. Temperature
Figure 9. Typical Diode Forward Voltage
Figure 10. Maximum Safe Operating Area
Figure 11. Single Pulse Unclamped Inductive Switching
Figure 12. Maximum Drain Current vs. Temperature
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CSD17304Q3


Similar Part No. - CSD17304Q3_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17304Q3 TI-CSD17304Q3 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFETs
More results

Similar Description - CSD17304Q3_10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17302Q5A TI1-CSD17302Q5A_10 Datasheet
521Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD16325Q5 TI1-CSD16325Q5_10 Datasheet
445Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications and optimized for 5V gate drive applications.
CSD17305Q5A TI1-CSD17305Q5A_10 Datasheet
510Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD17522Q5A TI1-CSD17522Q5A_11 Datasheet
635Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD16340Q3 TI1-CSD16340Q3_11 Datasheet
392Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion and optimized for 5V gate drive applications.
CSD16408Q5C TI1-CSD16408Q5C_10 Datasheet
340Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16408Q5 TI1-CSD16408Q5_11 Datasheet
323Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18504Q5A TI1-CSD18504Q5A_12 Datasheet
745Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18503Q5A TI1-CSD18503Q5A_12 Datasheet
730Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com