Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H10N60 Datasheet(PDF) 5 Page - Hi-Sincerity Mocroelectronics

Part # H10N60
Description  N-Channel Power MOSFET (600V,10A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H10N60 Datasheet(HTML) 5 Page - Hi-Sincerity Mocroelectronics

  H10N60 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H10N60 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H10N60 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H10N60 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H10N60 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200902
Issued Date : 2009.01.20
Revised Date : 2009.08.05
Page No. : 5/5
H10N60 Series
HSMC Product Specification
Soldering Methods for HSMC’s Products
1. Storage environment: Temperature=10
oC~35oC Humidity=65%±15%
2. Reflow soldering of surface-mount devices
Figure 1: Temperature profile
tP
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Average ramp-up rate (TL to TP)
<3
oC/sec
<3
oC/sec
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (min to max) (ts)
100
oC
150
oC
60~120 sec
150
oC
200
oC
60~180 sec
Tsmax to TL
- Ramp-up Rate
<3
oC/sec
<3
oC/sec
Time maintained above:
- Temperature (TL)
- Time (tL)
183
oC
60~150 sec
217
oC
60~150 sec
Peak Temperature (TP)
240
oC +0/-5oC
260
oC +0/-5oC
Time within 5
oC of actual Peak
Temperature (tP)
10~30 sec
20~40 sec
Ramp-down Rate
<6
oC/sec
<6
oC/sec
Time 25
oC to Peak Temperature
<6 minutes
<8 minutes
3. Flow (wave) soldering (solder dipping)
Products
Peak temperature
Dipping time
Pb devices.
245
oC
±5oC
5sec
±1sec
Pb-Free devices.
260
oC +0/-5oC
5sec
±1sec
tL
Ramp-down
Ramp-up
Tsmax
Tsmin
Critical Zone
TL to TP
tS
Preheat
TL
TP
25
t 25oC to Peak
Time


Similar Part No. - H10N60

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H10N65 HSMC-H10N65 Datasheet
177Kb / 6P
   N-Channel Power MOSFET (650V,10A)
More results

Similar Description - H10N60

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ10N60 DGNJDZ-NJ10N60 Datasheet
860Kb / 7P
   10A 600V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
10N60K UTC-10N60K Datasheet
178Kb / 6P
   10A, 600V N-CHANNEL POWER MOSFET
10N60 UTC-10N60_12 Datasheet
398Kb / 8P
   10A, 600V N-CHANNEL POWER MOSFET
10N60Z UTC-10N60Z Datasheet
404Kb / 8P
   10A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOB10N60 AOSMD-AOB10N60 Datasheet
264Kb / 6P
   600V,10A N-Channel MOSFET
AOW10T60P AOSMD-AOW10T60P Datasheet
539Kb / 6P
   600V,10A N-Channel MOSFET
AOB10T60P AOSMD-AOB10T60P Datasheet
498Kb / 7P
   600V,10A N-Channel MOSFET
AOT10N60 AOSMD-AOT10N60 Datasheet
182Kb / 6P
   600V, 10A N-Channel MOSFET
AOW10N60 AOSMD-AOW10N60 Datasheet
251Kb / 6P
   600V,10A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com