Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18504Q5A Datasheet(PDF) 7 Page - Texas Instruments

Part # CSD18504Q5A
Description  The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18504Q5A Datasheet(HTML) 7 Page - Texas Instruments

Back Button CSD18504Q5A_12 Datasheet HTML 3Page - Texas Instruments CSD18504Q5A_12 Datasheet HTML 4Page - Texas Instruments CSD18504Q5A_12 Datasheet HTML 5Page - Texas Instruments CSD18504Q5A_12 Datasheet HTML 6Page - Texas Instruments CSD18504Q5A_12 Datasheet HTML 7Page - Texas Instruments CSD18504Q5A_12 Datasheet HTML 8Page - Texas Instruments CSD18504Q5A_12 Datasheet HTML 9Page - Texas Instruments CSD18504Q5A_12 Datasheet HTML 10Page - Texas Instruments CSD18504Q5A_12 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Ø 1.50
+0.10
–0.00
4.00 ±0.10 (See Note 1)
R 0.30 TYP
Ø 1.50 MIN
A0
K0
0.30 ±0.05
R 0.30 MAX
A0 = 6.50 ±0.10
B0 = 5.30 ±0.10
K0 = 1.40 ±0.10
M0138-01
2.00 ±0.05
8.00 ±0.10
B0
F10
F6
F7
M0139-01
F1
CSD18504Q5A
www.ti.com
SLPS366B – JUNE 2012 – REVISED NOVEMBER 2012
MILLIMETERS
INCHES
DIM
Figure 14. Recommended PCB Pattern
MIN
MAX
MIN
MAX
F1
6.205
6.305
0.244
0.248
F2
4.46
4.56
0.176
0.18
F3
4.46
4.56
0.176
0.18
F4
0.65
0.7
0.026
0.028
F5
0.62
0.67
0.024
0.026
F6
0.63
0.68
0.025
0.027
F7
0.7
0.8
0.028
0.031
F8
0.65
0.7
0.026
0.028
F9
0.62
0.67
0.024
0.026
F10
4.9
5
0.193
0.197
F11
4.46
4.56
0.176
0.18
For recommended circuit layout for PCB designs, see application note SLPA005 – Reducing Ringing Through
PCB Layout Techniques.
Q5A Tape and Reel Information
Notes:
1. 10-sprocket hole-pitch cumulative tolerance ±0.2
2. Camber not to exceed 1mm in 100mm, noncumulative over 250mm
3. Material: black static-dissipative polystyrene
4. All dimensions are in mm (unless otherwise specified)
5. A0 and B0 measured on a plane 0.3mm above the bottom of the pocket
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: CSD18504Q5A


Similar Part No. - CSD18504Q5A_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18504Q5A TI1-CSD18504Q5A_16 Datasheet
416Kb / 13P
[Old version datasheet]   40V N-Channel NexFET Power MOSFET
More results

Similar Description - CSD18504Q5A_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16408Q5C TI1-CSD16408Q5C_10 Datasheet
340Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16408Q5 TI1-CSD16408Q5_11 Datasheet
323Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18503Q5A TI1-CSD18503Q5A_12 Datasheet
730Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16407Q5C TI1-CSD16407Q5C_10 Datasheet
345Kb / 11P
[Old version datasheet]   ID The NexFET??power MOSFET has been designed to minimize losses in power conversion applications.
CSD17302Q5A TI1-CSD17302Q5A_10 Datasheet
521Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD16340Q3 TI1-CSD16340Q3_11 Datasheet
392Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion and optimized for 5V gate drive applications.
CSD17304Q3 TI1-CSD17304Q3_10 Datasheet
532Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications and optimized for 5V gate drive applications.
CSD17305Q5A TI1-CSD17305Q5A_10 Datasheet
510Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD17522Q5A TI1-CSD17522Q5A_11 Datasheet
635Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com