Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT24C02A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FT24C02A
Description  The FT24C02A is 2048 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM.
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT24C02A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FT24C02A Datasheet HTML 1Page - List of Unclassifed Manufacturers FT24C02A Datasheet HTML 2Page - List of Unclassifed Manufacturers FT24C02A Datasheet HTML 3Page - List of Unclassifed Manufacturers FT24C02A Datasheet HTML 4Page - List of Unclassifed Manufacturers FT24C02A Datasheet HTML 5Page - List of Unclassifed Manufacturers FT24C02A Datasheet HTML 6Page - List of Unclassifed Manufacturers FT24C02A Datasheet HTML 7Page - List of Unclassifed Manufacturers FT24C02A Datasheet HTML 8Page - List of Unclassifed Manufacturers FT24C02A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Fremont Micro Devices
FT24C02A
© 2009 Fremont Micro Devices Inc.
DS3011B-page
1
Two-Wire Serial EEPROM
2K (8-bit wide)
FEATURES
Low voltage and low power operations:
 FT24C02A: VCC = 1.8V to 5.5V, Industrial temperature range (-40℃ to 85℃).
Two Versions of FT24C02A:
 FT24C02A-5xx: Low cost with 5 valid pins. Suitable for most application except those with
more than one EEPROM on the same IIC Bus. Details in the “Device Addressing” section.
 FT24C02A-Uxx: 8 valid pins suitable for all application.
Maximum Standby current < 1µA (typically 0.02µA and 0.06µA @ 1.8V and 5.5V respectively).
16 bytes page write mode.
Partial page write operation allowed.
Internally organized: 256 × 8 (2K).
Standard 2-wire bi-directional serial interface.
Schmitt trigger, filtered inputs for noise protection.
Self-timed programming cycle (5ms maximum).
1 MHz (5V), 400 kHz (1.8V, 2.5V, 2.7V) Compatibility.
Automatic erase before write operation.
Write protect pin for hardware data protection.
High reliability: typically 1, 000,000 cycles endurance.
100 years data retention.
Standard 8-pin PDIP/SOIC/TSSOP/DFN and 5-pin SOT-23/TSOT-23 Pb-free packages.
DESCRIPTION
The FT24C02A is 2048 bits of serial Electrical Erasable and Programmable Read Only Memory,
commonly known as EEPROM. They are organized as 256 words of 8 bits (1 byte) each. The devices
are fabricated with proprietary advanced CMOS process for low power and low voltage applications.
These devices are available in standard 8-lead PDIP, 8-lead JEDEC SOIC, 8-lead TSSOP, 8-lead DFN
and 5-lead SOT-23/TSOT-23 packages. A standard 2-wire serial interface is used to address all read
and write functions.
Our extended VCC range (1.8V to 5.5V) devices enables wide spectrum of
applications.


Similar Part No. - FT24C02A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT24C04A-ULR-T ETC2-FT24C04A-ULR-T Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
FT24C04A-USR-T ETC2-FT24C04A-USR-T Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
FT24C08A-UDG-B ETC2-FT24C08A-UDG-B Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
FT24C08A-UDG-B ETC2-FT24C08A-UDG-B Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
FT24C08A-UDR-B ETC2-FT24C08A-UDR-B Datasheet
322Kb / 20P
   Two-Wire Serial EEPROM 4K, 8K and 16K (8-bit wide)
More results

Similar Description - FT24C02A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24C04A ETC2-24C04A Datasheet
322Kb / 20P
   The FT24C04A/08A/16A series are 4096/8192/16384 bits of serial Electrical Erasable and Programmable Read Only Memory, commonly known as EEPROM. They are organized as 512/1024/2048 words of 8 bits (1 byte) each.
logo
SHANGHAI BELLING CO., L...
BL93C46 BELLING-BL93C46 Datasheet
384Kb / 12P
   The BL93C46 provides 1024 bits of serial electrically erasable programmable read only memory
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
logo
Texas Instruments
TMS87C257 TI-TMS87C257 Datasheet
333Kb / 9P
[Old version datasheet]   Erasable programmable read-only memory
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com