Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2GW-Z Datasheet(PDF) 1 Page - AIMTEC

Part # AM2GW-Z
Description  2 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2GW-Z Datasheet(HTML) 1 Page - AIMTEC

  AM2GW-Z Datasheet HTML 1Page - AIMTEC AM2GW-Z Datasheet HTML 2Page - AIMTEC AM2GW-Z Datasheet HTML 3Page - AIMTEC AM2GW-Z Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM2GW-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.E
1 of 4
North America only
FEATURES:
• SIP9 Package
Ultra-Wide Input Range 4:1
• Low Ripple and Noise
1500VDC I/O Isolation
• Continuous Short Circuit Protection
Efficiency up to 85%
• -40ºC to +85ºC Operating Temperature Range
Remote ON/OFF Control
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Maximum
capacitive load
(µF)
Efficiency
(%)
AM2GW-2403SZ
9-36
3.3
500
2200
75
AM2GW-2405SZ
9-36
5
400
1000
82
AM2GW-2412SZ
9-36
12
165
165
85
AM2GW-2415SZ
9-36
15
135
100
84
AM2GW-4803SZ
18-75
3.3
500
2200
75
AM2GW-4805SZ
18-75
5
400
1000
80
AM2GW-4812SZ
18-75
12
165
165
84
AM2GW-4815SZ
18-75
15
135
100
83
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Maximum
capacitive load
(µF)
Efficiency
(%)
AM2GW-2405DZ
9-36
±5
±200
±470
82
AM2GW-2412DZ
9-36
±12
±85
±100
84
AM2GW-2415DZ
9-36
±15
±65
±47
82
AM2GW-4805DZ
18-75
±5
±200
±470
80
AM2GW-4812DZ
18-75
±12
±85
±100
82
AM2GW-4815DZ
18-75
±15
±65
±47
81
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
48
9-36
18-75
VDC
Filter
Capacitor
Start up time
10
ms
Absolute Maximum Rating
24Vin
48Vin
50
100
VDC
Peak Input Voltage time
100
ms
On/Off Control
ON: 0 to 0.6VDC (or open) ; OFF:2.7 to 15.0VDC ,OFF: idle current: 5mA, max
Input reflected ripple current
20
mA p-p
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500
VDC
Resistance
>1000
MOhm
Capacitance
500
pF


Similar Part No. - AM2GW-Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2GW-Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com