Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2N-NZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM2N-NZ
Description  2 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2N-NZ Datasheet(HTML) 2 Page - AIMTEC

  AM2N-NZ Datasheet HTML 1Page - AIMTEC AM2N-NZ Datasheet HTML 2Page - AIMTEC AM2N-NZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM2N-NZ
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6.D
2 of 3
North America only
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
35
KHz
Operating temperature
Without derating
-40 to +85
oC
Storage temperature
-55 to +125
oC
Max Case temperature
95
oC
Cooling
Free air convection
Humidity
90
%
Case material
Plastic UL94-VO
Weight
16
g
Dimensions (L x W x H)
1.27 x 0.58 x 0.37 inches
32.30 x 14.70 x 9.40 mm
MTBF
>1 000 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
NOTE: All specifications are in this datasheet measured at an ambient temperature of 25°C, humidity<75%, nominal input
voltage and at rated output load unless otherwise specified.
Safety Specifications
Parameters
Agency approvals
cULus
Standards
UL60950-1
Pin Out Specifications
Dimensions
Footprint
Typical characteristics
Pin
Single
Dual
1
+V Input
+V Input
2
-V Input
-V Input
8,17
N.C.
-V Output
10,15
-V Output
Common
12,13
+V Output
+V Output
All other pins No Connection
32.30
(1.27)
14.70
(0.58)
9.40
(0.37)
27.94
(1.10)
4.00
(0.16)
Side
View
Top
View
0.65
(0.03)
2.54
(0.10)
2.54
(0.10)
2.54
(0.01)
1.00 0 + 0.15/-0
Tolerance Envelope Graph
Output Current (%)
Typical lo
ad line
+10%
+5%
+2.5%
-2.5%
-7.5%
10%
50%
100%
Nominal
Voltage


Similar Part No. - AM2N-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2N-NZ AIMTEC-AM2N-NZ_13 Datasheet
238Kb / 3P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2N-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com