Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1S-2424SZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM1S-2424SZ
Description  1 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1S-2424SZ Datasheet(HTML) 2 Page - AIMTEC

  AM1S-2424SZ Datasheet HTML 1Page - AIMTEC AM1S-2424SZ Datasheet HTML 2Page - AIMTEC AM1S-2424SZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM1S-Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6.H
2 of 3
North America only
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
12
24
4.5-5.5
10.8-13.2
21.6-26.4
VDC
Filter
Capacitor
Turn on Transient process time
25
ms
Start up time
200
ms
Absolute Maximum Rating
5 Vin
12 Vin
24 Vin
0-7
0-15
0-28
VDC
Peak Input Voltage time
100
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1000 and 3000
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±3
%
Short Circuit protection
Momentary (1 sec)
Line voltage regulation (Single)
For 1% change of Vin
±1.2
% of Vin
Load voltage regulation (Single)
Load 20 – 100%
±10
%
Load voltage regulation (Single)
3.3V output model
Load 20 – 100%
±20
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
At 20MHz Bandwidth
100
mV p-p
Capacitive load
220
μF
Rising time
50
ms
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
80
KHz
Operating temperature
Full Load without Derating
-40 to +85
oC
Storage temperature
-55 to +125
oC
Max Case temperature
100
oC
Cooling
Free air convection
Humidity
95
%
Case material
Non-conductive black plastic UL94-VO
Weight
1.8
g
Dimensions (L x W x H)
0.46 x 0.24 x 0.38 inches
11.68 x 6.00 x 9.65 mm
MTBF
>1 191 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input
voltage and at rated output load unless otherwise specified.
Safety Specifications
Standards
Agency approvals
CE
Safety
EN55022 (Radiated Emissions) class B
EN55024 (Noise Immunity), IEC61000-4-2(ESD)
IEC61000-4-3(Radiated immunity)


Similar Part No. - AM1S-2424SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1S-2424S AIMTEC-AM1S-2424S Datasheet
240Kb / 2P
   1 watt dc-dc converters
AM1S-2424SH30 AIMTEC-AM1S-2424SH30 Datasheet
240Kb / 2P
   1 watt dc-dc converters
More results

Similar Description - AM1S-2424SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com