Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1D-2412SH30Z Datasheet(PDF) 8 Page - AIMTEC

Part # AM1D-2412SH30Z
Description  1 Watt | DC-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1D-2412SH30Z Datasheet(HTML) 8 Page - AIMTEC

  AM1D-2412SH30Z Datasheet HTML 1Page - AIMTEC AM1D-2412SH30Z Datasheet HTML 2Page - AIMTEC AM1D-2412SH30Z Datasheet HTML 3Page - AIMTEC AM1D-2412SH30Z Datasheet HTML 4Page - AIMTEC AM1D-2412SH30Z Datasheet HTML 5Page - AIMTEC AM1D-2412SH30Z Datasheet HTML 6Page - AIMTEC AM1D-2412SH30Z Datasheet HTML 7Page - AIMTEC AM1D-2412SH30Z Datasheet HTML 8Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Series AM1D-Z
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.E
8 of 8
North America only
Dimensions:
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
19.50
(0.76)
15.20
(0.60)
2.54
(0.10)
6.00
(0.24)
PRINTED
FACE
0.50
(0.02)
0.50
(0.02)
0.25
(0.01)
1.25
(0.05)
6.00
(0.24)
9.50
(0.37)
3.05
(0.12)
0.50
(0.02)


Similar Part No. - AM1D-2412SH30Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1D-2412SH30 AIMTEC-AM1D-2412SH30 Datasheet
268Kb / 3P
   1 watt dc-dc converters
AM1D-2412SH30-N AIMTEC-AM1D-2412SH30-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
AM1D-2412SH30-NZ AIMTEC-AM1D-2412SH30-NZ Datasheet
346Kb / 4P
   1 Watt | DC-DC Converter
AM1D-2412SH30-RZ AIMTEC-AM1D-2412SH30-RZ Datasheet
174Kb / 5P
   1 Watt | DC-DC Converter
More results

Similar Description - AM1D-2412SH30Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com