Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2LV-1215D-NZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM2LV-1215D-NZ
Description  2 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2LV-1215D-NZ Datasheet(HTML) 1 Page - AIMTEC

  AM2LV-1215D-NZ Datasheet HTML 1Page - AIMTEC AM2LV-1215D-NZ Datasheet HTML 2Page - AIMTEC AM2LV-1215D-NZ Datasheet HTML 3Page - AIMTEC AM2LV-1215D-NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM2LV-NZ
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.C
1 of 4
North America only
FEATURES:
SMD package
Operating temperature: -40°C to +85°C
Wide (2:1) input range
Regulated single/dual output
1500VDC isolation
MTBF>1,000,000 hours
Continuous short circuit protection
RoHS compliant
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Efficiency
(%)
AM2LV-1203S-NZ
9-18
3.3
500
1500
70
AM2LV-1205S-NZ
9-18
5
400
1500
74
AM2LV-1209S-NZ
9-18
9
222
1500
76
AM2LV-1212S-NZ
9-18
12
167
1500
78
AM2LV-1215S-NZ
9-18
15
133
1500
79
AM2LV-2403S-NZ
18-36
3.3
500
1500
72
AM2LV-2405S-NZ
18-36
5
400
1500
76
AM2LV-2409S-NZ
18-36
9
222
1500
78
AM2LV-2412S-NZ
18-36
12
167
1500
80
AM2LV-2415S-NZ
18-36
15
133
1500
80
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Efficiency
(%)
AM2LV-1205D-NZ
9-18
±5
±200
1500
74
AM2LV-1209D-NZ
9-18
±9
±111
1500
76
AM2LV-1212D-NZ
9-18
±12
±83
1500
78
AM2LV-1215D-NZ
9-18
±15
±67
1500
80
AM2LV-2405D-NZ
18-36
±5
±200
1500
74
AM2LV-2409D-NZ
18-36
±9
±111
1500
76
AM2LV-2412D-NZ
18-36
±12
±83
1500
78
AM2LV-2415D-NZ
18-36
±15
±67
1500
80
NOTE: Unless otherwise specified, all specifications are measured at an ambient temperature of 25°C, humidity<75%, nominal input
voltage and at rated output load.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
24
9-18
18-36
VDC
Absolute Maximum Rating
12
24
22
40
VDC
Peak Input Voltage time
100
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
1500
VDC
Resistance
At 500 Vdc
1000
MOhm
Capacitance
Input to Output
85
pF


Similar Part No. - AM2LV-1215D-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2LV-1215D-NZ AIMTEC-AM2LV-1215D-NZ Datasheet
185Kb / 4P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2LV-1215D-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com