Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2L-0505D-NZ Datasheet(PDF) 5 Page - AIMTEC

Part # AM2L-0505D-NZ
Description  2 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2L-0505D-NZ Datasheet(HTML) 5 Page - AIMTEC

  AM2L-0505D-NZ Datasheet HTML 1Page - AIMTEC AM2L-0505D-NZ Datasheet HTML 2Page - AIMTEC AM2L-0505D-NZ Datasheet HTML 3Page - AIMTEC AM2L-0505D-NZ Datasheet HTML 4Page - AIMTEC AM2L-0505D-NZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Series AM2L-NZ
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.J
5 of 5
North America only
Recommended Filter Circuit
If it is required to decrease the input/output ripple an “LC” filter network can be installed on the input and output of the
converter (see above).
It should be noted that the inductance and the resonant frequency of the “LC” filtering network should differ from the DC/DC
converter switching frequency to avoid mutual interference.
The capacitance of the output filter capacitor must not exceed the values in the Table below to avoid startup problems and
ensure safe and reliable operation.
It’s not recommended to connect any external capacitor in the application field when output loading is less than 0.5
watt.
External Capacitor Tables
Input Capacitor (Cin)
Output Capacitor (Cout)
Overload Protection
The output circuit of these products has no protection against overload. It is recommended to install external overload
protection in the form of a self-recovery fuse or a circuit breaker in series at the converter’s input.
To achieve a high degree of output voltage regulation, over-voltage, and over-current protection it is suggested to use the
AM2LV-NZ series as an alternative.
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
Vin
(VDC)
Cin
(uF)
5
4.7
12
2.2
24
1
Single
Vout
(VDC)
Cout
(uF)
Dual
Vout
(Vdc)
Cout
(uF)
Dual
Separated
Vout (Vdc)
Cout
(uF)
5
10
±5
4.7
5/5
4.7
9
4.7
±9
2.2
9/9
2.2
12
2.2
±12
1
12/12
1
15
1
±15
0.47
15/15
0.47
DC
DC
+ Vin
- Vin
+
Cin
+
Cout
+
Cout
+Vout
-Vout
Common
Dual Output
L
L
L
DC
DC
+Cout
+Vout
- Vin
Single Output
+ Vin
- Vin
+
Cin
L
L
DC
DC
+ Vin
- Vin
+
Cin
+
Cout
+
Cout
+V1output
-V2 output
Dual Separated Output
L
L
L
-V1 output
+V2 output


Similar Part No. - AM2L-0505D-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2L-0505D-NZ AIMTEC-AM2L-0505D-NZ Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2L-0505D-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com