Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD568 Datasheet(PDF) 4 Page - Analog Devices

Part # AD568
Description  12-Bit Ultrahigh Speed Monolithic D/A Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD568 Datasheet(HTML) 4 Page - Analog Devices

  AD568 Datasheet HTML 1Page - Analog Devices AD568 Datasheet HTML 2Page - Analog Devices AD568 Datasheet HTML 3Page - Analog Devices AD568 Datasheet HTML 4Page - Analog Devices AD568 Datasheet HTML 5Page - Analog Devices AD568 Datasheet HTML 6Page - Analog Devices AD568 Datasheet HTML 7Page - Analog Devices AD568 Datasheet HTML 8Page - Analog Devices AD568 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AD568
REV. A
–4–
their glitch impulse. It is specified as the net area of the glitch in
nV-sec or pA-sec.
COMPLIANCE VOLTAGE: The range of allowable voltage at
the output of a current-output DAC which will not degrade the
accuracy of the output current.
SETTLING TIME: The time required for the output to reach
and remain within a specified error band about its final value,
measured from the digital input transition.
TIME – ns
0.8
0
250
50
100
150
200
0.6
0.4
Figure 2. Glitch Impulse
Connecting the AD568
UNBUFFERED VOLTAGE OUTPUT
Unipolar Configuration
Figure 3 shows the AD568 configured to provide a unipolar 0 to
+1.024 V output range. In this mode, the bipolar offset termi-
nal, Pin 21, should be grounded if not used for offset trimming.
The nominal output impedance of the AD568 with Pin 19
grounded has been trimmed to 100
Ω, ±1%. Other output im-
pedances can be generated with an external resistor, REXT, be-
tween Pins 19 and 20. An REXT equalling 300 Ω will yield a
total output resistance of 75
Ω, while an R
EXT of 100
Ω will pro-
vide 50
Ω of output resistance. Note that since the full-scale
output current of the DAC remains 10.24 mA, changing the
load impedance changes the unbuffered output voltage accord-
ingly. Settling time and full-scale range characteristics for these
load impedances are provided in the specifications table.
Bipolar Configuration
Figure 4 shows the connection scheme used to provide a bipolar
output voltage range of 1.024 V. The bipolar offset (–0.512 V)
occurs when all bits are OFF (00 . . . 00), bipolar zero (0 V) oc-
curs when the MSB is ON with all other bits OFF (10 . . . 00),
and full-scale minus 1 LSB (0.51175 V) is generated when all
bits are ON (11 . . . 11). Figure 5 shows an optional bipolar
mode with a 2.048 V range. The scale factor in this mode will
not be as accurate as the configuration shown in Figure 4, be-
cause the laser-trimmed resistor RL is not used.
13
16
15
14
24
23
22
21
20
19
18
17
12
11
10
9
8
1
2
3
4
7
6
5
AD568
+15V
REFCOM
–15V
IBPO
RL
ACOM
LCOM
SPAN
SPAN
THCOM
VTH
IOUT
DIGITAL
INPUTS
0.2µF
0.1µF
0.1µF
0.1µF
–15V
+15V
ANALOG
GND PLANE
DIGITAL
GND PLANE
DIGITAL
SUPPLY
GROUND
100pF
RTH
1k
+5V
ANALOG
OUTPUT
REXT
(OPTIONAL)
FERRITE BEADS
STACKPOLE 57-1392
OR
AMIDON FB-43B-101
OR EQUIVALENT
NC
NC
ANALOG
SUPPLY GROUND
Figure 3. Unipolar Output Unbuffered 0 V to +1.024 V
13
16
15
14
24
23
22
21
20
19
18
17
12
11
10
9
8
1
2
3
4
7
6
5
AD568
+15V
REFCOM
–15V
IBPO
RL
ACOM
LCOM
SPAN
SPAN
THCOM
VTH
IOUT
DIGITAL
INPUTS
0.2µF
0.1µF
0.1µF
0.1µF
–15V
+15V
ANALOG
GND PLANE
DIGITAL
GND PLANE
DIGITAL
SUPPLY
GROUND
100pF
+5V
ANALOG
OUTPUT
ANALOG
SUPPLY
GROUND
Figure 4. Bipolar Output Unbuffered
±0.512 V
Figure 4 also demonstrates how the internal span resistor may
be used to bias the VTH pin (Pin 13) from a 5 V supply. This
eliminates the requirement for an external RTH in applications
that do not require the precision span resistor.
BIPOLAR ZERO ERROR: The deviation of the analog output
from the ideal half-scale output of 0 V (or 0 mA) for bipolar
mode when only the MSB is on (100 . . .00) is called bipolar
zero error.
GAIN ERROR: The difference between the ideal and actual
output span of FS –1 LSB, expressed in % of FS, or LSB, when
all bits are on.
GLITCH IMPULSE: Asymmetrical switching times in a DAC
give rise to undesired output transients which are quantified by


Similar Part No. - AD568

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD568 AD-AD568 Datasheet
77Kb / 1P
   Analog Devices: Data Converters: DAC 12-Bit, 10 ns to 100 ns Converters Selection Table
4/2004
AD568 AD-AD568 Datasheet
575Kb / 15P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
AD568 AD-AD568 Datasheet
544Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD5680 AD-AD5680 Datasheet
466Kb / 20P
   5 V 18-Bit nanoDAC in a SOT-23
REV. 0
AD5680 AD-AD5680 Datasheet
451Kb / 20P
   5V 18-Bit nanoDAC
More results

Similar Description - AD568

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD568 AD-AD568_15 Datasheet
544Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD568 AD-AD568_17 Datasheet
575Kb / 15P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
AD668 AD-AD668 Datasheet
602Kb / 16P
   12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
AD668 AD-AD668_15 Datasheet
250Kb / 16P
   12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
AD668SQ AD-AD668SQ Datasheet
221Kb / 16P
   12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
logo
List of Unclassifed Man...
SPT5140 ETC2-SPT5140 Datasheet
80Kb / 12P
   8-BIT, ULTRAHIGH-SPEED D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT5140 CADEKA-SPT5140 Datasheet
428Kb / 12P
   8-BIT, ULTRAHIGH-SPEED D/A CONVERTER
logo
Analog Devices
AD565 AD-AD565_15 Datasheet
1,010Kb / 3P
   COMPLETE HIGH SPEED 12 BIT MONOLITHIC D/A CONVERTER
AD9768 AD-AD9768_15 Datasheet
107Kb / 4P
   Ultrahigh Speed IC D/A Converter
REV. A
AD9768 AD-AD9768 Datasheet
103Kb / 4P
   Ultrahigh Speed IC D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com