Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4T-2424D-VZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM4T-2424D-VZ
Description  4 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM4T-2424D-VZ Datasheet(HTML) 1 Page - AIMTEC

  AM4T-2424D-VZ Datasheet HTML 1Page - AIMTEC AM4T-2424D-VZ Datasheet HTML 2Page - AIMTEC AM4T-2424D-VZ Datasheet HTML 3Page - AIMTEC AM4T-2424D-VZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM4T-VZ
4 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.F
1 of 4
North America only
FEATURES:
Models
Single output
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Capacitive load,
max (μF)
Efficiency
(%)
AM4T-1205D-VZ
9-18
±5
±400
±1000
77
AM4T-1209D-VZ
9-18
±9
±222
±220
77
AM4T-1212D-VZ
9-18
±12
±167
±220
78
AM4T-1215D-VZ
9-18
±15
±133
±220
78
AM4T-1224D-VZ
9-18
±24
±83
±100
77
AM4T-2405D-VZ
18-36
±5
±400
±1000
77
AM4T-2409D-VZ
18-36
±9
±222
±220
77
AM4T-2412D-VZ
18-36
±12
±167
±220
78
AM4T-2415D-VZ
18-36
±15
±133
±220
79
AM4T-2424D-VZ
18-36
±24
±83
±100
76
AM4T-4805D-VZ
36-72
±5
167
220
75
Wide 2:1 input range
Operating temperature -40oC to + 85oC
24 Pin DIP Package
Input / Output isolation 1500 / 3500 VDC
Metal package
Pin compatible with multiple manufacturers
High efficiency up to 80%
Continuous short circuit protection
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Capacitive load,
max (μF)
Efficiency
(%)
AM4T-1205S-VZ
9-18
5
800
2200
72
AM4T-1209S-VZ
9-18
9
444
470
78
AM4T-1212S-VZ
9-18
12
333
470
78
AM4T-1215S-VZ
9-18
15
267
470
77
AM4T-1224S-VZ
9-18
24
167
220
76
AM4T-2405S-VZ
18-36
5
800
2200
77
AM4T-2409S-VZ
18-36
9
444
470
78
AM4T-2412S-VZ
18-36
12
333
470
79
AM4T-2415S-VZ
18-36
15
267
470
80
AM4T-2424S-VZ
18-36
24
167
220
77
AM4T-4805S-VZ
36-72
5
800
2200
77
AM4T-4809S-VZ
36-72
9
444
470
77
AM4T-4812S-VZ
36-72
12
333
470
78
AM4T-4815S-VZ
36-72
15
267
470
77
AM4T-4824S-VZ
36-72
24
167
220
75
AM4T-1205SH35-VZ
9-18
5
800
2200
72
AM4T-1209SH35-VZ
9-18
9
444
470
78
AM4T-1212SH35-VZ
9-18
12
333
470
78
AM4T-1215SH35-VZ
9-18
15
267
470
77
AM4T-1224SH35-VZ
9-18
24
167
220
76
AM4T-2405SH35-VZ
18-36
5
800
2200
77
AM4T-2409SH35-VZ
18-36
9
444
470
78
AM4T-2412SH35-VZ
18-36
12
333
470
79
AM4T-2415SH35-VZ
18-36
15
267
470
80
AM4T-2424SH35-VZ
18-36
24
167
220
77
AM4T-4805SH35-VZ
36-72
5
800
2200
77
AM4T-4809SH35-VZ
36-72
9
444
470
77
AM4T-4812SH35-VZ
36-72
12
333
470
78
AM4T-4815SH35-VZ
36-72
15
267
470
77
AM4T-4824SH35-VZ
36-72
24
167
220
75


Similar Part No. - AM4T-2424D-VZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4T-2424D-VZ AIMTEC-AM4T-2424D-VZ Datasheet
223Kb / 4P
   4 Watt | DC-DC Converter
More results

Similar Description - AM4T-2424D-VZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM4TW-RVZ AIMTEC-AM4TW-RVZ_16 Datasheet
745Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-R-Z AIMTEC-AM4TW-R-Z_16 Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-VZ AIMTEC-AM4TW-VZ_13 Datasheet
747Kb / 3P
   4 Watt | DC-DC Converter
AM4TW-Z AIMTEC-AM4TW-Z_16 Datasheet
127Kb / 5P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ_13 Datasheet
283Kb / 4P
   4 Watt | DC-DC Converter
AM4T-Z AIMTEC-AM4T-Z_13 Datasheet
396Kb / 5P
   4 Watt | DC-DC Converter
AM4TW-RZ AIMTEC-AM4TW-RZ Datasheet
225Kb / 3P
   4 Watt | DC-DC Converter
AM4T-VZ AIMTEC-AM4T-VZ_16 Datasheet
223Kb / 4P
   4 Watt | DC-DC Converter
AM4TW-Z AIMTEC-AM4TW-Z Datasheet
257Kb / 5P
   4 Watt | DC-DC Converter
AM4N-Z AIMTEC-AM4N-Z_13 Datasheet
325Kb / 4P
   4 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com