Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HST08 Datasheet(PDF) 4 Page - Hi-Sincerity Mocroelectronics

Part # HST08
Description  TRIAC 600V,8A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HST08 Datasheet(HTML) 4 Page - Hi-Sincerity Mocroelectronics

  HST08 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HST08 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HST08 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HST08 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE200903
Issued Date : 2009.08.15
Revised Date :
Page No. : 4/4
HST08
HSMC Product Specification
Soldering Methods for HSMC’s Products
1. Storage environment: Temperature=10
oC~35oC Humidity=65%±15%
2. Reflow soldering of surface-mount devices
Figure 1: Temperature profile
tP
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Average ramp-up rate (TL to TP)
<3
oC/sec
<3
oC/sec
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (min to max) (ts)
100
oC
150
oC
60~120 sec
150
oC
200
oC
60~180 sec
Tsmax to TL
- Ramp-up Rate
<3
oC/sec
<3
oC/sec
Time maintained above:
- Temperature (TL)
- Time (tL)
183
oC
60~150 sec
217
oC
60~150 sec
Peak Temperature (TP)
240
oC +0/-5oC
260
oC +0/-5oC
Time within 5
oC of actual Peak
Temperature (tP)
10~30 sec
20~40 sec
Ramp-down Rate
<6
oC/sec
<6
oC/sec
Time 25
oC to Peak Temperature
<6 minutes
<8 minutes
3. Flow (wave) soldering (solder dipping)
Products
Peak temperature
Dipping time
Pb devices.
245
oC
±5oC
5sec
±1sec
Pb-Free devices.
260
oC +0/-5oC
5sec
±1sec
tL
Ramp-down
Ramp-up
Tsmax
Tsmin
Critical Zone
TL to TP
tS
Preheat
TL
TP
25
t 25oC to Peak
Time


Similar Part No. - HST08

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
HST080B YHDC-HST080B Datasheet
14Mb / 1P
   Hall split core current sensor
More results

Similar Description - HST08

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTX8-600 SEMIHOW-HTX8-600 Datasheet
267Kb / 6P
   600V 8A TRIAC
logo
Renesas Technology Corp
BCR8LM-12LA RENESAS-BCR8LM-12LA Datasheet
138Kb / 7P
   600V - 8A - Triac
BCR8FM-12LB RENESAS-BCR8FM-12LB_15 Datasheet
138Kb / 8P
   600V - 8A - Triac Medium Power Use
BCR8CM-12LB RENESAS-BCR8CM-12LB_15 Datasheet
151Kb / 9P
   600V - 8A - Triac Medium Power Use
BCR8PM-12LE RENESAS-BCR8PM-12LE_15 Datasheet
194Kb / 8P
   600V ??8A - Triac Medium Power Use
BCR8LM-12LA RENESAS-BCR8LM-12LA_15 Datasheet
138Kb / 7P
   600V - 8A - Triac Medium Power Use
BCR8FM-12LC RENESAS-BCR8FM-12LC Datasheet
514Kb / 9P
   600V - 8A - Triac Medium Power Use
Feb. 19, 2019
logo
Unisonic Technologies
UCR8PM UTC-UCR8PM Datasheet
180Kb / 3P
   8A TRIAC
logo
Renesas Technology Corp
BCR8FM-12LB RENESAS-BCR8FM-12LB Datasheet
518Kb / 9P
   BCR8FM-12LB 600V - 8A - Triac Medium Power Use
Feb. 19, 2019
BCR8FM-14LB RENESAS-BCR8FM-14LB_17 Datasheet
823Kb / 9P
   700V - 8A - Triac
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com