Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2G-4805DH30Z Datasheet(PDF) 1 Page - AIMTEC

Part # AM2G-4805DH30Z
Description  2 Watt | DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2G-4805DH30Z Datasheet(HTML) 1 Page - AIMTEC

  AM2G-4805DH30Z Datasheet HTML 1Page - AIMTEC AM2G-4805DH30Z Datasheet HTML 2Page - AIMTEC AM2G-4805DH30Z Datasheet HTML 3Page - AIMTEC AM2G-4805DH30Z Datasheet HTML 4Page - AIMTEC AM2G-4805DH30Z Datasheet HTML 5Page - AIMTEC AM2G-4805DH30Z Datasheet HTML 6Page - AIMTEC AM2G-4805DH30Z Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Series AM2G-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.K
1 of 7
North America only
FEATURES:
Models
Single Output
Model
Input
Voltage (V)
Output
Voltage (V)
Output Current
max (mA)
Isolation
(VDC)
Capacitor Load
(μF)
Efficiency
AM2G-0503SZ
4.5-9
3.3
500
1000
3300
67
AM2G-0505SZ
4.5-9
5
400
1000
3300
66
AM2G-0507SZ
4.5-9
7.2
278
1000
470
66
AM2G-0509SZ
4.5-9
9
222
1000
470
68
AM2G-0512SZ
4.5-9
12
167
1000
470
70
AM2G-0515SZ
4.5-9
15
133
1000
470
70
AM2G-0518SZ
4.5-9
18
111
1000
220
68
AM2G-0524SZ
4.5-9
24
83
1000
220
68
AM2G-1203SZ
9-18
3.3
500
1000
3300
66
AM2G-1205SZ
9-18
5
400
1000
3300
75
AM2G-1207SZ
9-18
7.2
278
1000
470
75
AM2G-1209SZ
9-18
9
222
1000
470
75
AM2G-1212SZ
9-18
12
167
1000
470
77
AM2G-1215SZ
9-18
15
133
1000
470
77
AM2G-1218SZ
9-18
18
111
1000
220
75
AM2G-1224SZ
9-18
24
83
1000
220
75
AM2G-2403SZ
18-36
3.3
500
1000
3300
69
AM2G-2405SZ
18-36
5
400
1000
3300
75
AM2G-2407SZ
18-36
7.2
278
1000
470
75
AM2G-2409SZ
18-36
9
222
1000
470
77
AM2G-2412SZ
18-36
12
167
1000
470
78
AM2G-2415SZ
18-36
15
133
1000
470
78
AM2G-2418SZ
18-36
18
111
1000
220
77
AM2G-2424SZ
18-36
24
83
1000
220
77
AM2G-4803SZ
36-72
3.3
500
1000
3300
62
AM2G-4805SZ
36-72
5
400
1000
3300
70
AM2G-4807SZ
36-72
7.2
278
1000
470
70
AM2G-4809SZ
36-72
9
222
1000
470
72
AM2G-4812SZ
36-72
12
167
1000
470
76
AM2G-4815SZ
36-72
15
133
1000
470
76
AM2G-4818SZ
36-72
18
111
1000
220
74
AM2G-4824SZ
36-72
24
83
1000
220
74
AM2G-0503SH30Z
4.5-9
3.3
500
3000
3300
67
AM2G-0505SH30Z
4.5-9
5
400
3000
3300
66
AM2G-0507SH30Z
4.5-9
7.2
278
3000
470
66
AM2G-0509SH30Z
4.5-9
9
222
3000
470
68
AM2G-0512SH30Z
4.5-9
12
167
3000
470
70
AM2G-0515SH30Z
4.5-9
15
133
3000
470
70
AM2G-0518SH30Z
4.5-9
18
111
3000
220
68
AM2G-0524SH30Z
4.5-9
24
83
3000
220
68
AM2G-1203SH30Z
9-18
3.3
500
3000
3300
66
AM2G-1205SH30Z
9-18
5
400
3000
3300
75
AM2G-1207SH30Z
9-18
7.2
278
3000
470
75
AM2G-1209SH30Z
9-18
9
222
3000
470
75
AM2G-1212SH30Z
9-18
12
167
3000
470
77
AM2G-1215SH30Z
9-18
15
133
3000
470
77
RoHS compliant
Operating temperature -40oC to +85oC
High efficiency up to 78%
Continuous Short circuit protection
Remote On/Off Control
Wide 2:1 input range
8 pin SIP package
Input / Output Isolation 1000 & 3000VDC


Similar Part No. - AM2G-4805DH30Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2G-4805DH30Z AIMTEC-AM2G-4805DH30Z Datasheet
458Kb / 8P
   2 Watt | DC-DC Converter
More results

Similar Description - AM2G-4805DH30Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com