Electronic Components Datasheet Search |
|
HUN21XX Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics |
|
HUN21XX Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics |
1 / 5 page HI-SINCERITY MICROELECTRONICS CORP. Spec. No. : HN200301 Issued Date : 2003.03.01 Revised Date : 2005.01.14 Page No. : 1/5 HUN21XX Series HSMC Product Specification HUN2111 / HUN2112 / HUN2113 / HUN2114 / HUN2115 HUN2116 / HUN2130 / HUN2131 / HUN2132 / HUN2133 HUN2134 / HUN2136 / HUN2137 / HUN2140 PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network Description This new series of digital transistors is designed to replace a single device and its external resistor bias network. The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor. The BRT eliminates these individual components by integrating them into a single device. The use of a BRT can reduce both system cost and board space. The device is housed in the SOT-23 package which is designed for low power surface mount applications. • Simplifies Circuit Design • Reduces Board Space • Reduces Component Count • Moisture Sensitivity Level: 1 • ESD Rating: Human Body Model: Class1, Machine Model: Class B • The SOT-23 package can be soldered using wave or reflow. The modified gull-winged leads absorb thermal stress during soldering eliminating the possibility of damage to the die. • Available in 8mm embossed tape and reel. Use the device number to order the 7 inch / 3,000 unit reel. Maximum Ratings (T A=25 oC unless otherwise noted) Rating Symbol Value Unit Collector-Base Voltage V CBO -50 Vdc Collector-Emitter Voltage V CEO -50 Vdc Collector Curretn I C -100 mAdc Thermal Characteristics Value Rating Symbol Note1 Note2 Unit Total Power Dissipation @ T A=25°C Derate above 25 °C P D 246 1.5 400 2.0 mW mW/ °C Thermal Resistance-Junction-to-Ambient RθJA 508 311 °C/W Thermal Resistance-Junction-to-Lead RθJL 174 208 °C/W Operating and Storage Temperature Range T J, Tstg -65 to +150 °C Note1: FR-4 @ Minimum Pad, Note2: FR-4 @ 1.0X1.0 inch Pad Device Marking and Resistor Values Device Package Marking R1(K) R2(K) Shipping HUN2111 SOT-23 A6A 10 10 3000/Tape & Reel HUN2112 SOT-23 A6B 22 22 3000/Tape & Reel HUN2113 SOT-23 A6C 47 47 3000/Tape & Reel HUN2114 SOT-23 A6D 10 47 3000/Tape & Reel HUN2115 SOT-23 A6E 10 ∞ 3000/Tape & Reel HUN2116 SOT-23 A6F 4.7 ∞ 3000/Tape & Reel HUN2130 SOT-23 A6G 1 1 3000/Tape & Reel HUN2131 SOT-23 A6H 2.2 2.2 3000/Tape & Reel HUN2132 SOT-23 A6J 4.7 4.7 3000/Tape & Reel HUN2133 SOT-23 A6K 4.7 47 3000/Tape & Reel HUN2134 SOT-23 A6L 22 47 3000/Tape & Reel HUN2136 SOT-23 A6N 100 100 3000/Tape & Reel HUN2137 SOT-23 A6P 47 22 3000/Tape & Reel HUN2140 SOT-23 A6T 47 ∞ 3000/Tape & Reel Symbol: SOT-23 Pin 1 Base (Input) R1 R2 Pin 3 Collector (Output) Pin 2 Emitter (Ground) |
Similar Part No. - HUN21XX |
|
Similar Description - HUN21XX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |