Electronic Components Datasheet Search |
|
AM2D-2407DH40Z Datasheet(PDF) 6 Page - AIMTEC |
|
AM2D-2407DH40Z Datasheet(HTML) 6 Page - AIMTEC |
6 / 7 page Series AM2D-Z 2 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R11.F 6 of 7 North America only Output Specifications (continued) Parameters Conditions Typical Maximum Units Load voltage regulation (Single) 3.3V output model Load 20~100% ±20 % Load voltage regulation (Dual) Load 20~100% ±10 % Load voltage regulation (Dual) 3.3V output model Load 20~100% ±20 % Temperature coefficient ±0.02 %/ oC Ripple & Noise At 20MHz Bandwidth 75 mV p-p Capacitive load Single output 470 μF Dual output 220 μF Rising time 100 ms General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 85 KHz Operating temperature -40 to +75 oC Storage temperature -55 to +125 oC Max Case temperature +95 oC Cooling Free air convection Humidity 90 % Case material Plastic UL94-VO Weight 2.5 g Dimensions (L x W x H) 0.76 x 0.24 x 0.37 inch 19.50 x 6.00 x 9.50 mm MTBF >688 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25 oC) NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified Safety Specifications Parameters Agency approvals CE (Except dual separated models) Standards EN55022 (Radiated Emissions) class B EN55024 (Noise Immunity), IEC61000-4-2(ESD) IEC61000-4-3 (Radiated immunity) Pin Out Specifications Pin 1000 VDC 3000, 4000 , 5200 VDC Single Dual Dual separated Single Dual 1 + V Input + V Input + V Input + V Input + V Input 2 - V Input - V Input - V Input - V Input - V Input 4 - V Output - V Output +V1 Output No pin No pin 5 No pin Common -V1 Output -V Output -V Output 6 + V Output + V Output +V2 Output No pin Common 7 No pin No pin -V2 Output +V Output +V Output |
Similar Part No. - AM2D-2407DH40Z |
|
Similar Description - AM2D-2407DH40Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |