Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6Q-Z Datasheet(PDF) 1 Page - AIMTEC

Part # AM6Q-Z
Description  6 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM6Q-Z Datasheet(HTML) 1 Page - AIMTEC

  AM6Q-Z Datasheet HTML 1Page - AIMTEC AM6Q-Z Datasheet HTML 2Page - AIMTEC AM6Q-Z Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM6Q-Z
6 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
1 of 3
North America only
FEATURES:
 RoHS Compliant
 Operating Temperature -40ºC to 85ºC
 Wide 2:1 input range
Input / Output Isolation of 500VAC
 High Efficiency up to 86%
No Tantalum capacitors used inside
 Continuous short circuit
 Over voltage protection
Models
Single output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VAC)
Max
Capacitive
Load(uF)
Efficiency
(%)
AM6Q-0503SZ
4.5-9
3.3
1000
500
1000
73
AM6Q-0505SZ
4.5-9
5
1000
500
1000
76
AM6Q-0512SZ
4.5-9
12
500
500
500
79
AM6Q-0515SZ
4.5-9
15
400
500
400
79
AM6Q-1203SZ
9-18
3.3
1000
500
1000
76
AM6Q-1205SZ
9-18
5
1200
500
1200
81
AM6Q-1212SZ
9-18
12
500
500
500
85
AM6Q-1215SZ
9-18
15
400
500
400
85
AM6Q-2403SZ
18-36
3.3
1200
500
1200
73
AM6Q-2405SZ
18-36
5
1200
500
1200
80
AM6Q-2412SZ
18-36
12
500
500
500
84
AM6Q-2415SZ
18-36
15
400
500
400
86
AM6Q-4803SZ
36-75
3.3
1200
500
1200
74
AM6Q-4805SZ
36-75
5
1200
500
1200
80
AM6Q-4812SZ
36-75
12
500
500
500
84
AM6Q-4815SZ
36-75
15
400
500
400
85
Models
Dual output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VAC)
Max
Capacitive
Load(uF)
Efficiency
(%)
AM6Q-0512DZ
4.5-9
±12
±250
500
±250
82
AM6Q-0515DZ
4.5-9
±15
±200
500
±200
82
AM6Q-1212DZ
9-18
±12
±250
500
±250
88
AM6Q-1215DZ
9-18
±15
±200
500
±200
88
AM6Q-2412DZ
18-36
±12
±250
500
±250
88
AM6Q-2415DZ
18-36
±15
±200
500
±200
88
AM6Q-4812DZ
36-75
±12
±250
500
±250
87
AM6Q-4815DZ
36-75
±15
±200
500
±200
88
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-9
VDC
12
9-18
24
18-36
48
36-75
Filter
π (Pi) Network
Start up time
20
ms
No Load Input Current
45
mA
Input reflected current
20
mA


Similar Part No. - AM6Q-Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6Q-Z AIMTEC-AM6Q-Z_13 Datasheet
270Kb / 3P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z_16 Datasheet
275Kb / 3P
   6 Watt | DC-DC Converter
More results

Similar Description - AM6Q-Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6TI-Z AIMTEC-AM6TI-Z_16 Datasheet
378Kb / 4P
   6 Watt | DC-DC Converter
AM6TW-RVZ AIMTEC-AM6TW-RVZ Datasheet
403Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-VZ AIMTEC-AM6TW-VZ Datasheet
400Kb / 3P
   6 Watt | DC-DC Converter
AM6Q-Z AIMTEC-AM6Q-Z_13 Datasheet
270Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z_13 Datasheet
288Kb / 5P
   6 Watt | DC-DC Converter
AM6CW-FZ AIMTEC-AM6CW-FZ_16 Datasheet
110Kb / 2P
   6 Watt | DC-DC Converter
AM6GH-Z AIMTEC-AM6GH-Z_16 Datasheet
212Kb / 5P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ Datasheet
426Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-RZ AIMTEC-AM6TW-RZ_16 Datasheet
258Kb / 3P
   6 Watt | DC-DC Converter
AM6TW-Z AIMTEC-AM6TW-Z Datasheet
490Kb / 5P
   6 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com