Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD580J Datasheet(PDF) 1 Page - Analog Devices

Part # AD580J
Description  High Precision 2.5 V IC Reference
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD580J Datasheet(HTML) 1 Page - Analog Devices

  AD580J Datasheet HTML 1Page - Analog Devices AD580J Datasheet HTML 2Page - Analog Devices AD580J Datasheet HTML 3Page - Analog Devices AD580J Datasheet HTML 4Page - Analog Devices AD580J Datasheet HTML 5Page - Analog Devices AD580J Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FUNCTIONAL BLOCK DIAGRAM
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
High Precision
2.5 V IC Reference
AD580*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Laser Trimmed to High Accuracy: 2.500 V
0.4%
3-Terminal Device: Voltage In/Voltage Out
Excellent Temperature Stability: 10 ppm/ C (AD580M, U)
Excellent Long-Term Stability: 250
V (25
V/Month)
Low Quiescent Current: 1.5 mA max
Small, Hermetic IC Package: TO-52 Can
MIL-STD-883 Compliant Versions Available
PRODUCT DESCRIPTION
The AD580 is a three-terminal, low cost, temperature compen-
sated, bandgap voltage reference which provides a fixed 2.5 V
output for inputs between 4.5 V and 30 V. A unique combina-
tion of advanced circuit design and laser-wafer trimmed thin-
film resistors provide the AD580 with an initial tolerance of
±0.4%, a temperature stability of better than 10 ppm/°C and
long-term stability of better than 250
µV. In addition, the low
quiescent current drain of 1.5 mA max offers a clear advantage
over classical Zener techniques.
The AD580 is recommended as a stable reference for all 8-, 10-
and 12-bit D-to-A converters that require an external reference.
In addition, the wide input range of the AD580 allows operation
with 5 volt logic supplies making the AD580 ideal for digital
panel meter applications or whenever only a single logic power
supply is available.
The AD580J, K, L and M are specified for operation over the
0
°C to +70°C temperature range; the AD580S, T and U are
specified for operation over the extended temperature range of
–55
°C to +125°C.
*Protected by Patent Nos. 3,887,863; RE30,586.
PRODUCT HIGHLIGHTS
1. Laser-trimming of the thin-film resistors minimizes the
AD580 output error. For example, the AD580L output
tolerance is
±10 mV.
2. The three-terminal voltage in/voltage out operation of
the AD580 provides regulated output voltage without
any external components.
3. The AD580 provides a stable 2.5 V output voltage for
input voltages between 4.5 V and 30 V. The capability
to provide a stable output voltage using a 5-volt input
makes the AD580 an ideal choice for systems that con-
tain a single logic power supply.
4. Thin-film resistor technology and tightly controlled
bipolar processing provide the AD580 with temperature
stabilities to 10 ppm/
°C and long-term stability better
than 250
µV.
5. The low quiescent current drain of the AD580 makes it
ideal for CMOS and other low power applications.
6. The AD580 is available in versions compliant with
MIL-STD-883. Refer to the Analog Devices Military
Products Databook or current AD580/883B data sheet
for detailed specifications.


Similar Part No. - AD580J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD580JH AD-AD580JH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580JH AD-AD580JH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580JH AD-AD580JH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
More results

Similar Description - AD580J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD580 AD-AD580_04 Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
5962-8686101XA AD-5962-8686101XA Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision,2.5 V IC Reference
REV. B
AD780BRZ-REEL7 AD-AD780BRZ-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780BRZ-REEL AD-AD780BRZ-REEL Datasheet
264Kb / 12P
   2.5 V-3.0 V High Precision Reference
Rev. F
AD780 AD-AD780_15 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780ARZ AD-AD780ARZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD581SH883B AD-AD581SH883B Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com