Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM8T-1212SIZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM8T-1212SIZ
Description  8 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM8T-1212SIZ Datasheet(HTML) 2 Page - AIMTEC

  AM8T-1212SIZ Datasheet HTML 1Page - AIMTEC AM8T-1212SIZ Datasheet HTML 2Page - AIMTEC AM8T-1212SIZ Datasheet HTML 3Page - AIMTEC AM8T-1212SIZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM8T-IZ
8 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6.E
2 of 4
North America only
Input Specifications (continued)
Parameters
Nominal
Typical
Maximum
Units
Absolute Maximum Rating
5 Vin
12 Vin
24 Vin
48 Vin
10
20
40
83
VDC
Permissible absolute maximum duration
2
h
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
1500
VDC
Resistance
> 1000
MOhm
Capacitance
1000
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Short Circuit protection
Continuous
Short Circuit restart
Auto recovery
Over voltage protection
Zener diode clamp
Over load protection
Auto recovery
Over 110% full load
Line voltage regulation (Single)
HL-LL
±0.5
%
Line voltage regulation (Dual)
HL-LL
±0.5
%
Load voltage regulation (Single)
25 – 100% load
±0.5
%
Load voltage regulation (Dual)
25 – 100% load
±2
%
Temperature coefficient
±0.05
%/
oC
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
300
KHz
Operating temperature
Derating above +70
oC
-40 to +75
oC
Storage temperature
-55 to +115
oC
Maximum Case
temperature
+95
oC
Cooling
Free air convection
Humidity
95
%
Case material
Nickel coated cooper
Weight
33
g
Dimensions (L x W x H)
Tolerance ±0.02 inch, ±0.5mm
1.25 x 0.80 x 0.40 inches
31.80 x 20.30 x 10.20 mm
MTBF
> 800 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Safety Specifications
Standards
Agency approvals
CE
Safety
EN 55022: 2006 + A1: 2007
EN 55024: 1998 + A1:2001 + A2:2003
IEC 61000-4-2: 2008
IEC 61000-4-3: 2006 + A1: 2007
IEC 61000-4-4: 2004
IEC 61000-4-6: 2008
IEC 61000-4-8: 2009


Similar Part No. - AM8T-1212SIZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM8T-1212SIZ AIMTEC-AM8T-1212SIZ Datasheet
384Kb / 4P
   8 Watt | DC-DC Converter
More results

Similar Description - AM8T-1212SIZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM8T-Z AIMTEC-AM8T-Z_16 Datasheet
365Kb / 3P
   8 Watt | DC-DC Converter
AM8TW-IZ AIMTEC-AM8TW-IZ Datasheet
426Kb / 3P
   8 Watt | DC-DC Converter
AM8T-I-Z AIMTEC-AM8T-I-Z_16 Datasheet
384Kb / 4P
   8 Watt | DC-DC Converter
AM8TW-IZ AIMTEC-AM8TW-IZ_13 Datasheet
264Kb / 3P
   8 Watt | DC-DC Converter
AM8T-Z AIMTEC-AM8T-Z Datasheet
545Kb / 3P
   8 Watt | DC-DC Converter
AM8TW-I-Z AIMTEC-AM8TW-I-Z_16 Datasheet
341Kb / 3P
   8 Watt | DC-DC Converter
AM8T-IZ AIMTEC-AM8T-IZ_13 Datasheet
291Kb / 4P
   8 Watt | DC-DC Converter
logo
CINCON ELECTRONICS Corp...
CQB50W8 CINCON-CQB50W8 Datasheet
526Kb / 7P
   50 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
CQB75W8 CINCON-CQB75W8 Datasheet
506Kb / 7P
   75 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com