Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM12TW-2405SZ Datasheet(PDF) 4 Page - AIMTEC

Part # AM12TW-2405SZ
Description  12 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM12TW-2405SZ Datasheet(HTML) 4 Page - AIMTEC

  AM12TW-2405SZ Datasheet HTML 1Page - AIMTEC AM12TW-2405SZ Datasheet HTML 2Page - AIMTEC AM12TW-2405SZ Datasheet HTML 3Page - AIMTEC AM12TW-2405SZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series AM12TW-Z
12 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
4 of 4
North America only
Test Circuits
DC/DC
Converter
+Vout
-Vout
Load
+Vin
-Vin
C1
2.2uF
100V
L
12uH
Conducted Emmisions :
C2
2.2uF
100V
Surge:
DC/DC
Converter
+Vout
-Vout
Load
+Vin
-Vin
C1
330uF, 100V
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.


Similar Part No. - AM12TW-2405SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM12TW-Z AIMTEC-AM12TW-Z_13 Datasheet
283Kb / 4P
   12 Watt | DC-DC Converter
More results

Similar Description - AM12TW-2405SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM12TW-Z AIMTEC-AM12TW-Z_13 Datasheet
283Kb / 4P
   12 Watt | DC-DC Converter
AM12E-FZ AIMTEC-AM12E-FZ Datasheet
328Kb / 4P
   12 Watt | DC-DC Converter
AM12T-Z AIMTEC-AM12T-Z Datasheet
348Kb / 3P
   12 Watt | DC-DC Converter
AM12T-Z AIMTEC-AM12T-Z_13 Datasheet
350Kb / 3P
   12 Watt | DC-DC Converter
logo
Wall Industries,Inc.
RJW WALL-RJW Datasheet
143Kb / 2P
   12 Watt DC/DC Converter
logo
TRACO Electronic AG
THD12 TRACOPOWER-THD12 Datasheet
919Kb / 5P
   DC/DC Converter THD 12 Series, 12 Watt
Rev. November 30, 2022
logo
AIMTEC
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ Datasheet
235Kb / 3P
   Up to 12 Watt | DC-DC Converter
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ_1 Datasheet
199Kb / 3P
   Up to 12 Watt | DC-DC Converter
logo
TRACO Electronic AG
THD12WI TRACOPOWER-THD12WI Datasheet
926Kb / 4P
   DC/DC Converter THD 12WI Series, 12 Watt
Rev. November 30, 2022
TMR12WI TRACOPOWER-TMR12WI Datasheet
908Kb / 5P
   DC/DC Converter TMR 12WI Series, 12 Watt
Rev. November 30, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com