Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM8T-2415DZ Datasheet(PDF) 3 Page - AIMTEC

Part # AM8T-2415DZ
Description  8 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM8T-2415DZ Datasheet(HTML) 3 Page - AIMTEC

  AM8T-2415DZ Datasheet HTML 1Page - AIMTEC AM8T-2415DZ Datasheet HTML 2Page - AIMTEC AM8T-2415DZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AM8T-Z
8 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.G
3 of 3
North America only
Pin Out Specifications
Dimensions (Bottom view)
Derating
Test Circuits
Conducted Emissions:
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
Pin
Single
Dual
2
-V Input
-V Input
3
-V Input
-V Input
9
No pin
Common
11
N.C.
-V Output
14
+V Output
+ V Output
16
-V Output
Common
22
+V Input
+V Input
23
+V Input
+V Input


Similar Part No. - AM8T-2415DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM8T-2415DZ AIMTEC-AM8T-2415DZ Datasheet
365Kb / 3P
   8 Watt | DC-DC Converter
More results

Similar Description - AM8T-2415DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM8T-Z AIMTEC-AM8T-Z_16 Datasheet
365Kb / 3P
   8 Watt | DC-DC Converter
AM8T-IZ AIMTEC-AM8T-IZ Datasheet
289Kb / 4P
   8 Watt | DC-DC Converter
AM8TW-IZ AIMTEC-AM8TW-IZ Datasheet
426Kb / 3P
   8 Watt | DC-DC Converter
AM8T-I-Z AIMTEC-AM8T-I-Z_16 Datasheet
384Kb / 4P
   8 Watt | DC-DC Converter
AM8TW-IZ AIMTEC-AM8TW-IZ_13 Datasheet
264Kb / 3P
   8 Watt | DC-DC Converter
AM8TW-I-Z AIMTEC-AM8TW-I-Z_16 Datasheet
341Kb / 3P
   8 Watt | DC-DC Converter
AM8T-IZ AIMTEC-AM8T-IZ_13 Datasheet
291Kb / 4P
   8 Watt | DC-DC Converter
logo
CINCON ELECTRONICS Corp...
CQB50W8 CINCON-CQB50W8 Datasheet
526Kb / 7P
   50 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
CQB75W8 CINCON-CQB75W8 Datasheet
506Kb / 7P
   75 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com