Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM10E-1205DZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM10E-1205DZ
Description  10 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM10E-1205DZ Datasheet(HTML) 2 Page - AIMTEC

  AM10E-1205DZ Datasheet HTML 1Page - AIMTEC AM10E-1205DZ Datasheet HTML 2Page - AIMTEC AM10E-1205DZ Datasheet HTML 3Page - AIMTEC AM10E-1205DZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM10E-Z
10 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.E
2 of 4
North America only
Dual output (continued)
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Capacitance
load, max
(
μF)
Efficiency
(%)
AM10E-2407DZ
18-36
±7.2
±0.69
±680
80
AM10E-2409DZ
18-36
±9
±0.555
±470
80
AM10E-2412DZ
18-36
±12
±0.416
±470
85
AM10E-2415DZ
18-36
±15
±0.333
±330
86
AM10E-2418DZ
18-36
±18
±0.27
±220
80
AM10E-2424DZ
18-36
±24
±0.208
±220
85
AM10E-4803DZ
36-72
±3.3
±1
±1000
78
AM10E-4805DZ
36-72
±5
±1
±1000
85
AM10E-4807DZ
36-72
±7.2
±0.69
±680
80
AM10E-4809DZ
36-72
±9
±0.555
±470
80
AM10E-4812DZ
36-72
±12
±0.416
±470
86
AM10E-4815DZ
36-72
±15
±0.333
±330
86
AM10E-4818DZ
36-72
±18
±0.27
±220
80
AM10E-4824DZ
36-72
±24
±0.208
±220
85
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5–9
VDC
12
9-18
24
18-36
48
36-72
Filter
π(PI )
Turn on Transient process time
350
ms
Start up time
20
ms
Absolute Maximum Rating
5 Vin
-0.7-15
VDC
12 Vin
-0.7-24
24 Vin
-0.7-40
48 Vin
-0.7-80
Peak Input Voltage time
100
ms
No Load Input Current
70
mA
Input reflected current
35
mAp-p
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1500
VDC
Resistance
> 1000
MOhm
Capacitance
500
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Voltage balance (Dual Output)
Balance Load
±1
%
Cross Regulation (Dual Output)
25% load on one output -
100% load on second load
±5
%
Short Circuit protection
Continuous


Similar Part No. - AM10E-1205DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM10E-1205D AIMTEC-AM10E-1205D Datasheet
264Kb / 3P
   10 watt dc-dc converters
More results

Similar Description - AM10E-1205DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM10T-IZ AIMTEC-AM10T-IZ Datasheet
265Kb / 3P
   10 Watt | DC-DC Converter
AM10C-FZ AIMTEC-AM10C-FZ Datasheet
123Kb / 3P
   10 Watt | DC-DC Converter
AM10CW-FZ AIMTEC-AM10CW-FZ Datasheet
121Kb / 3P
   10 Watt | DC-DC Converter
AM10TW-I-Z AIMTEC-AM10TW-I-Z Datasheet
268Kb / 3P
   10 Watt | DC-DC Converter
AM10W-NZ AIMTEC-AM10W-NZ Datasheet
149Kb / 4P
   10 Watt | DC-DC Converter
AM10EW-Z AIMTEC-AM10EW-Z_13 Datasheet
299Kb / 3P
   10 Watt | DC-DC Converter
AM10E-Z AIMTEC-AM10E-Z_13 Datasheet
502Kb / 4P
   10 Watt | DC-DC Converter
AM10EW-Z AIMTEC-AM10EW-Z Datasheet
285Kb / 3P
   10 Watt | DC-DC Converter
AM10EW-NZ AIMTEC-AM10EW-NZ Datasheet
331Kb / 3P
   10 Watt | DC-DC Converter
logo
Wall Industries,Inc.
EJR WALL-EJR Datasheet
127Kb / 3P
   10 Watt DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com