Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM40E-Z Datasheet(PDF) 2 Page - AIMTEC

Part # AM40E-Z
Description  40 Watt | DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM40E-Z Datasheet(HTML) 2 Page - AIMTEC

  AM40E-Z Datasheet HTML 1Page - AIMTEC AM40E-Z Datasheet HTML 2Page - AIMTEC AM40E-Z Datasheet HTML 3Page - AIMTEC AM40E-Z Datasheet HTML 4Page - AIMTEC AM40E-Z Datasheet HTML 5Page - AIMTEC AM40E-Z Datasheet HTML 6Page - AIMTEC AM40E-Z Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Series AM40E-Z
40 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
2 of 7
North America only
Input Specifications (continued)
Parameters
Nominal
Typical
Maximum
Units
Under voltage lockout
12V ON/OFF
8.6 / 7.9
VDC
24V ON/OFF
17.8 / 16
48V ON/OFF
33.5 / 30.5
Input Reflected Ripple Current
20
mA p-p
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1600
VDC
Case/Input and Output
3 sec
1600
VDC
Resistance
<1000
MOhm
Capacitance
1000
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Cross Regulation (Dual Output Models)
25% load on one output
100% load on second load
±5
%
Over voltage protection
Zener diode clamp
Over load protection
130
% of Iout
Short Circuit protection
Continuous
Short circuit restart
Auto-Recovery
Line voltage regulation
HL-LL
±0.5
%
Load voltage regulation (Single)
0% to 100% load
±0.5
%
Load voltage regulation (Dual)
0% to 100% load
±1
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise (20MHz Bandwidth)
3.3Vout/5Vout
other models
100
150
mV p-p
Voltage adjustment range (single)
±10
%
Minimum Load Current
0
% of Max
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
270
KHz
Operating temperature
Derating above 55
-40 to +71
oC
Storage temperature
-40 to +125
oC
Maximum case temperature
105
oC
Derating
2.5
%/ oC
Cooling
Free Air Convection
Humidity
95
% RH
Case material
Nickel coated Copper
Weight
32
g
Dimensions (L x W x H)
2.00 x 1.00 x 0.40 inches
50.80 x 25.40 x 10.16 mm
MTBF
>328,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25ºC)hours
Maximum soldering temperature
1.5mm from case for 10 sec
260
oC
Transient recovery time
250
µS
Transient recovery deviation
±3
%


Similar Part No. - AM40E-Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM40E-Z AIMTEC-AM40E-Z_13 Datasheet
443Kb / 7P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z_16 Datasheet
533Kb / 7P
   40 Watt | DC-DC Converter
More results

Similar Description - AM40E-Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM40U-AZ AIMTEC-AM40U-AZ Datasheet
305Kb / 3P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z_16 Datasheet
533Kb / 7P
   40 Watt | DC-DC Converter
AM40W-NZ AIMTEC-AM40W-NZ Datasheet
143Kb / 3P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_16 Datasheet
205Kb / 4P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_12 Datasheet
407Kb / 3P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z Datasheet
497Kb / 5P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z_16 Datasheet
485Kb / 5P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_13 Datasheet
294Kb / 3P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z_13 Datasheet
481Kb / 5P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z_13 Datasheet
443Kb / 7P
   40 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com