Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM15E-1218DZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM15E-1218DZ
Description  15 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15E-1218DZ Datasheet(HTML) 1 Page - AIMTEC

  AM15E-1218DZ Datasheet HTML 1Page - AIMTEC AM15E-1218DZ Datasheet HTML 2Page - AIMTEC AM15E-1218DZ Datasheet HTML 3Page - AIMTEC AM15E-1218DZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM15E-Z
15 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
1 of 4
North America only
FEATURES:
• RoHS compliant
• Operating temperature -40oC to + 85oC
• Full SMD internal technology
• Input/Output Isolation 1500VDC
• Wide 2:1 input range
• Continuous short circuit protection
• High efficiency up to 88%
• Pin compatible with multiple manufacturers
• Low profile metal package
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Capacitive
load, max
(µF)
Efficiency
(%)
AM15E-1203SZ
9-18
3.3
3
3300
79
AM15E-1205SZ
9-18
5
3
3300
83
AM15E-1207SZ
9-18
7.2
2
2200
83
AM15E-1209SZ
9-18
9
1.66
1000
83
AM15E-1212SZ
9-18
12
1.25
1000
85
AM15E-1215SZ
9-18
15
1
680
85
AM15E-1218SZ
9-18
18
0.8
470
83
AM15E-1224SZ
9-18
24
0.62
470
85
AM15E-2403SZ
18-36
3.3
3
3300
80
AM15E-2405SZ
18-36
5
3
3300
85
AM15E-2407SZ
18-36
7.2
2
2200
84
AM15E-2409SZ
18-36
9
1.66
1000
85
AM15E-2412SZ
18-36
12
1.25
1000
86
AM15E-2415SZ
18-36
15
1
680
88
AM15E-2418SZ
18-36
18
0.8
470
86
AM15E-2424SZ
18-36
24
0.62
470
86
AM15E-4803SZ
36-72
3.3
3
3300
80
AM15E-4805SZ
36-72
5
3
3300
85
AM15E-4807SZ
36-72
7.2
2
2200
85
AM15E-4809SZ
36-72
9
1.66
1000
85
AM15E-4812SZ
36-72
12
1.25
1000
88
AM15E-4815SZ
36-72
15
1
680
87
AM15E-4818SZ
36-72
18
0.8
470
86
AM15E-4824SZ
36-72
24
0.62
470
85
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Capacitive
load, max
(µF)
Efficiency
(%)
AM15E-1203DZ
9-18
±3.3
±2
±1000
79
AM15E-1205DZ
9-18
±5
±1.5
±1000
83
AM15E-1207DZ
9-18
±7.2
±1
±680
82
AM15E-1209DZ
9-18
±9
±0.83
±470
82
AM15E-1212DZ
9-18
±12
±0.62
±470
85
AM15E-1215DZ
9-18
±15
±0.5
±330
85
AM15E-1218DZ
9-18
±18
±0.4
±220
82
AM15E-1224DZ
9-18
±24
±0.31
±220
85
AM15E-2403DZ
18-36
±3.3
±2
±1000
80
AM15E-2405DZ
18-36
±5
±1.5
±1000
85
AM15E-2407DZ
18-36
±7.2
±1
±680
82
AM15E-2409DZ
18-36
±9
±0.83
±470
82


Similar Part No. - AM15E-1218DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15E-1218D AIMTEC-AM15E-1218D Datasheet
267Kb / 3P
   15 watt dc-dc converters
More results

Similar Description - AM15E-1218DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
AM20EW-NZ AIMTEC-AM20EW-NZ Datasheet
199Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-NZ AIMTEC-AM15EW-NZ Datasheet
201Kb / 4P
   15 Watt | DC-DC Converter
AM15W-NZ AIMTEC-AM15W-NZ Datasheet
149Kb / 4P
   15 Watt | DC-DC Converter
AM15E-Z AIMTEC-AM15E-Z_13 Datasheet
424Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-I AIMTEC-AM15EW-I Datasheet
123Kb / 2P
   15 Watt | DC-DC Converter
logo
Wall Industries,Inc.
YFW15 WALL-YFW15 Datasheet
130Kb / 3P
   15 Watt DC/DC Converter
DM WALL-DM Datasheet
162Kb / 3P
   15 Watt DC/DC Converter
logo
AIMTEC
AM15E-IZ AIMTEC-AM15E-IZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com