Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME30-15SMAZ Datasheet(PDF) 3 Page - AIMTEC

Part # AME30-15SMAZ
Description  30 Watt | AC-DC / DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME30-15SMAZ Datasheet(HTML) 3 Page - AIMTEC

  AME30-15SMAZ Datasheet HTML 1Page - AIMTEC AME30-15SMAZ Datasheet HTML 2Page - AIMTEC AME30-15SMAZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AME30-MAZ
30 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.F
3 of 3
North America only
Pin Out Specifications
Pin
Single
Dual
1
AC Input (N)
AC Input (N)
2
AC Input (L)
AC Input (L)
3
+V Output
+V Output
4
-V Output
Common
5
N. C.
-V Output
Dimensions
Top View
1
2
3
4
5
4.60
(0.18)
1.30
(0.05)
Dimensions mm (inch)
Case Tolerance ±0.50 (±0.02)
Pin Diameter 1.30 ± 0.05 (0.05 ± 0.002)
Pin Pitch Tolerance ±0.35 (±0.014)
90.50
(3.56)
4.60
(0.18)
Side View
5Ø 1.30 (Ø 0.05)
DIV: 10.00 (0.40)
81.30
(3.20)
Derating
- 40
- 20
0
20
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
85
Ambient Temperature º C
Free Air Convection
55ºC
NOTE: 1. Datasheets are updated as needed and as such, specifications
are subject to change without notice. Once printed or downloaded,
datasheets are no longer controlled by Aimtec; refer to www.aimtec.com for
the most current product specifications.
2. Product labels shown, including
safety agency certifications on labels, may vary based on the date
manufactured.
3. Mechanical drawings and specifications are for reference
only.
4. All specifications are measured at an ambient temperature of 25°C,
humidity<75%, nominal input voltage and at rated output load unless
otherwise specified.
5. Aimtec may not have conducted destructive testing
or chemical analysis on all internal components and chemicals at the time of
publishing this document. CAS numbers and other limited information are
considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment
used in hazardous environments, nuclear control systems or other such
applications which necessitate specific safety and regulatory standards
other the ones listed in this datasheet.
7. Warranty is in accordance with
Aimtec’s standard Terms of Sale available at www.aimtec.com.


Similar Part No. - AME30-15SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME30-15SMAZ AIMTEC-AME30-15SMAZ Datasheet
1Mb / 3P
   30 Watt | AC-DC Converter
AME30-15SMAZ AIMTEC-AME30-15SMAZ Datasheet
749Kb / 3P
   30 Watt | AC-DC Converter
AME30-15SMAZ AIMTEC-AME30-15SMAZ Datasheet
298Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
AME30-15SMAZ AIMTEC-AME30-15SMAZ Datasheet
298Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AME30-15SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMES30-MAZ-1 AIMTEC-AMES30-MAZ-1_16 Datasheet
516Kb / 5P
   30 Watt | AC-DC / DC-DC Converter
AMEC30-MAZ AIMTEC-AMEC30-MAZ_16 Datasheet
532Kb / 5P
   30 Watt | AC-DC / DC-DC Converter
AMEOC30-MAZ AIMTEC-AMEOC30-MAZ_12 Datasheet
153Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
AMES30-MAZ AIMTEC-AMES30-MAZ_13 Datasheet
458Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
AME30-MAZ AIMTEC-AME30-MAZ_13 Datasheet
323Kb / 3P
   30 Watt | AC-DC / DC-DC Converter
AMEOC30-MAZ AIMTEC-AMEOC30-MAZ_13 Datasheet
371Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
AMEOC30-MAZ AIMTEC-AMEOC30-MAZ_16 Datasheet
224Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
AMEC30-MAZ AIMTEC-AMEC30-MAZ_12 Datasheet
198Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
AME30-MAZ AIMTEC-AME30-MAZ_16 Datasheet
298Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
AMEC30-MAZ-1 AIMTEC-AMEC30-MAZ-1_16 Datasheet
532Kb / 5P
   30 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com