Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM40UW-4815SZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM40UW-4815SZ
Description  40 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM40UW-4815SZ Datasheet(HTML) 1 Page - AIMTEC

  AM40UW-4815SZ Datasheet HTML 1Page - AIMTEC AM40UW-4815SZ Datasheet HTML 2Page - AIMTEC AM40UW-4815SZ Datasheet HTML 3Page - AIMTEC AM40UW-4815SZ Datasheet HTML 4Page - AIMTEC AM40UW-4815SZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM40UW-Z
40 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
1 of 5
North America only
FEATURES:
Ultra Wide Input 4:1 Range
Adjustable Output Voltage
Full SMD Technology
Remote ON/OFF Function
1600 VDC Isolation
Over Current, Voltage, & Temperature Protection
Efficiency up to 92%
Operating temperature -40oC to + 85oC
Soft Start
Models
Single output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output
Current max
(A)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM40UW-2403SZ
9-36
3.3
10
1600
25000
89
AM40UW-2405SZ
9-36
5
8
1600
13000
91
AM40UW-2412SZ
9-36
12
3.35
1600
2300
90
AM40UW-2415SZ
9-36
15
2.65
1600
1500
90
AM40UW-4803SZ
18-75
3.3
10
1600
25000
90
AM40UW-4805SZ
18-75
5
8
1600
13000
92
AM40UW-4812SZ
18-75
12
3.35
1600
2300
90
AM40UW-4815SZ
18-75
15
2.65
1600
1500
90
Models
Dual output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output
Current max
(A)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM40UW-2412DZ
9-36
±12
±1.65
1600
±1200
89
AM40UW-2415DZ
9-36
±15
±1.35
1600
±750
90
AM40UW-4812DZ
18-75
±12
±1.65
1600
±1200
80
AM40UW-4815DZ
18-75
±15
±1.35
1600
±750
90
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
48
9-36
18-75
VDC
Filter
π(Pi) Network
Start up time
25
ms
Absolute Maximum Rating
24
48
50
100
VDC
Peak Input Voltage time
100
ms
On/Off control
ON –3.0 -12 (or open) ; OFF -0 -1.2 (or short pin 2 to pin 3)
Off idle current: 5mA
No Load Input Current
100
mA
Under voltage lockout
24 ON/OFF
48 ON/OFF
8.6/7.9
17.6/16
VDC
Input reflected ripple current
20
mA p-p
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1600
VDC
Resistance
>1000
MOhm
Capacitance
2500
pF


Similar Part No. - AM40UW-4815SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM40UW-4815SZ AIMTEC-AM40UW-4815SZ Datasheet
485Kb / 5P
   40 Watt | DC-DC Converter
More results

Similar Description - AM40UW-4815SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM40U-AZ AIMTEC-AM40U-AZ Datasheet
305Kb / 3P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z_16 Datasheet
533Kb / 7P
   40 Watt | DC-DC Converter
AM40W-NZ AIMTEC-AM40W-NZ Datasheet
143Kb / 3P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_16 Datasheet
205Kb / 4P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_12 Datasheet
407Kb / 3P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z_16 Datasheet
485Kb / 5P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_13 Datasheet
294Kb / 3P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z_13 Datasheet
481Kb / 5P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z Datasheet
506Kb / 7P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z_13 Datasheet
443Kb / 7P
   40 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com