Electronic Components Datasheet Search |
|
AM4T-4807DH35Z Datasheet(PDF) 4 Page - AIMTEC |
|
AM4T-4807DH35Z Datasheet(HTML) 4 Page - AIMTEC |
4 / 5 page Series AM4T-Z 4 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.D 4 of 5 North America only General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 266 KHz Operating temperature Full Load without Derating -40 to +85 oC Storage temperature -40 to +125 oC Max Case temperature 100 oC Cooling Free air convection Humidity 90 % Case material Nickel coated copper Weight 17 g Dimensions(L x W x H) Tolerance ±0.5 mm or ±0.02 inches 1.28 x 0.84 x 0.41 inches 32.25 x 21.35 x 10.50 mm MTBF >1 121 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC) NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. Safety Specifications Parameters Agency Approval CE (except for 5V input models) Standards EN55022 Class A, EN55024 IEC61000-4-2, Perf. Criteria B IEC61000-4-3, Perf. Criteria A IEC61000-4-4, Perf. Criteria B (external 220uF/100V cap required) IEC61000-4-5, Perf. Criteria B (external 220uF/100V cap required) IEC61000-4-6, Perf. Criteria A IEC61000-4-8, Perf. Criteria A Note: also designed to meet IEC 60950-1:2001 Pin Out Specifications Dimensions 32.25 (1.28) 2.54 (0.10) 5.08 (0.20) Printed Face Built-in Stand-offs to ease PCB cleaning 0.50 (0.02) 22.86 (0.90) Bottom View 2 3 9 11 14 16 22 23 Pin 1500 and 3500VDC Single Dual 2 -V Input -V Input 3 -V Input -V Input 9 No pin Common 11 N.C. -V Output 14 +V Output +V Output 16 -V Output Common 22 +V Input +V Input 23 +V Input +V Input |
Similar Part No. - AM4T-4807DH35Z |
|
Similar Description - AM4T-4807DH35Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |