Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM40UW-4812DIZ Datasheet(PDF) 5 Page - AIMTEC

Part # AM40UW-4812DIZ
Description  40Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM40UW-4812DIZ Datasheet(HTML) 5 Page - AIMTEC

  AM40UW-4812DIZ Datasheet HTML 1Page - AIMTEC AM40UW-4812DIZ Datasheet HTML 2Page - AIMTEC AM40UW-4812DIZ Datasheet HTML 3Page - AIMTEC AM40UW-4812DIZ Datasheet HTML 4Page - AIMTEC AM40UW-4812DIZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Series AM40UW-IZ
40Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12
5 of 5
North America only
Digital Control Circuit:
Control
Voltage
On / Off Control
-V input
0.5mA
DC/DC
Converter
NPN
0V
Vpeak
Ra =
Vpeak – 0.6
0.5mA
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5.Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet
.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.


Similar Part No. - AM40UW-4812DIZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM40UW-4812DIZ AIMTEC-AM40UW-4812DIZ Datasheet
372Kb / 5P
   40Watt | DC-DC Converter
More results

Similar Description - AM40UW-4812DIZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM40U-IZ AIMTEC-AM40U-IZ_13 Datasheet
365Kb / 5P
   40Watt | DC-DC Converter
AM40U-IZ AIMTEC-AM40U-IZ_16 Datasheet
383Kb / 5P
   40Watt | DC-DC Converter
AM40U-IZ AIMTEC-AM40U-IZ Datasheet
382Kb / 5P
   40Watt | DC-DC Converter
AM40UW-IZ AIMTEC-AM40UW-IZ_13 Datasheet
366Kb / 5P
   40Watt | DC-DC Converter
AM40UW-IZ AIMTEC-AM40UW-IZ_16 Datasheet
372Kb / 5P
   40Watt | DC-DC Converter
logo
GAPTEC Electronic GmbH ...
40DCPW GAPTEC-40DCPW Datasheet
2Mb / 5P
   40Watt - Single Output DC-DC Converter - Ultra Wide Input Range - High Isolated & Regulated
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com