Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMER90-36250AZ Datasheet(PDF) 10 Page - AIMTEC

Part # AMER90-36250AZ
Description  up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMER90-36250AZ Datasheet(HTML) 10 Page - AIMTEC

Back Button AMER90-36250AZ Datasheet HTML 2Page - AIMTEC AMER90-36250AZ Datasheet HTML 3Page - AIMTEC AMER90-36250AZ Datasheet HTML 4Page - AIMTEC AMER90-36250AZ Datasheet HTML 5Page - AIMTEC AMER90-36250AZ Datasheet HTML 6Page - AIMTEC AMER90-36250AZ Datasheet HTML 7Page - AIMTEC AMER90-36250AZ Datasheet HTML 8Page - AIMTEC AMER90-36250AZ Datasheet HTML 9Page - AIMTEC AMER90-36250AZ Datasheet HTML 10Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Series AMER90-AZ
up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.S
10 of 10
North America only
Output Current vs. Radj
(continued)
AMER90-36250AZ
AMER90-24375AZ
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.


Similar Part No. - AMER90-36250AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER90-36250AZ AIMTEC-AMER90-36250AZ Datasheet
925Kb / 9P
   up to 3.75A | AC-DC LED driver
AMER90-36250AZ AIMTEC-AMER90-36250AZ Datasheet
632Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
More results

Similar Description - AMER90-36250AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER90-CAZ AIMTEC-AMER90-CAZ_13 Datasheet
1Mb / 10P
   up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
AMER90-CAZ AIMTEC-AMER90-CAZ Datasheet
711Kb / 10P
   up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
AMER90-AZ AIMTEC-AMER90-AZ_13 Datasheet
1Mb / 10P
   up to 3.75A | AC-DC / DC-DC | LED Driver / Converter
AMER90-AZ AIMTEC-AMER90-AZ Datasheet
925Kb / 9P
   up to 3.75A | AC-DC LED driver
AMER150-CAZ AIMTEC-AMER150-CAZ_13 Datasheet
1Mb / 10P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER150-AZ AIMTEC-AMER150-AZ_13 Datasheet
1Mb / 11P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_12 Datasheet
738Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER150-AZ AIMTEC-AMER150-AZ_12 Datasheet
756Kb / 11P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com