Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMER120-36340CAZ Datasheet(PDF) 2 Page - AIMTEC

Part # AMER120-36340CAZ
Description  up to 5A | AC-DC / DC-DC | LED Driver / Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMER120-36340CAZ Datasheet(HTML) 2 Page - AIMTEC

  AMER120-36340CAZ Datasheet HTML 1Page - AIMTEC AMER120-36340CAZ Datasheet HTML 2Page - AIMTEC AMER120-36340CAZ Datasheet HTML 3Page - AIMTEC AMER120-36340CAZ Datasheet HTML 4Page - AIMTEC AMER120-36340CAZ Datasheet HTML 5Page - AIMTEC AMER120-36340CAZ Datasheet HTML 6Page - AIMTEC AMER120-36340CAZ Datasheet HTML 7Page - AIMTEC AMER120-36340CAZ Datasheet HTML 8Page - AIMTEC AMER120-36340CAZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Series AMER120-CAZ
up to 5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.D
2 of 10
North America only
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/P-O/P voltage
3sec
3750
VAC
Tested I/P-FG voltage
3sec
1880
VAC
Tested O/P-FG voltage
3sec
500
VAC
Isolation Resistance
500VDC
>1000
MΩ
Isolation Capacitance
1000
pF
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100
KHz
Over current protection
110% of Iout
Over voltage protection
110% of Vout
Short circuit protection
Continuous
Short circuit restart
Auto recovery
Over temperature protection
>105°C
Operating temperature
(See Derating Table)
(115VAC)
-50 to +85
oC
(230VAC)
-55 to +85
oC
Cold Start-up Time
-55°C
30
Sec
Maximum case temperature
100
oC
Storage temperature
-55 to +95
oC
Temperature coefficient
±0.02
% /
oC
Cooling
Free air convection
Humidity
95
% RH
Case material
Aluminum
Potting
Epoxy (IP68 rated)
Wires
UL1015 18AWG Input & 14AWG Output *20CM
Weight
750
g
Dimensions (L X H X W)
7.13 x 2.32 x 1.85 inches
181.00 x 59.00 x 47.00 mm
MTBF
>400,000 hrs (MIL-HDBK-217F at +25°C)
Safety Specifications
Parameters
Agency approvals
CE
Standards
EN55022, class B, EN60529(IP68), EN61347-1, EN61347-2-13
NOTE : also designed to meet cULus, UL8750, UL60950-1


Similar Part No. - AMER120-36340CAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER120-36340CAZ AIMTEC-AMER120-36340CAZ Datasheet
563Kb / 11P
   Constant Current or Constant Voltage LED Driver or Converter
AMER120-36340CAZ AIMTEC-AMER120-36340CAZ Datasheet
963Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
More results

Similar Description - AMER120-36340CAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ_17 Datasheet
1Mb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_12 Datasheet
738Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR60-50120AZ AIMTEC-AMEPR60-50120AZ Datasheet
969Kb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-50250CAZ AIMTEC-AMER120-50250CAZ_17 Datasheet
963Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_16 Datasheet
597Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_13 Datasheet
637Kb / 11P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ_16 Datasheet
670Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com