Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD606 Datasheet(PDF) 1 Page - Analog Devices

Part # AD606
Description  50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD606 Datasheet(HTML) 1 Page - Analog Devices

  AD606 Datasheet HTML 1Page - Analog Devices AD606 Datasheet HTML 2Page - Analog Devices AD606 Datasheet HTML 3Page - Analog Devices AD606 Datasheet HTML 4Page - Analog Devices AD606 Datasheet HTML 5Page - Analog Devices AD606 Datasheet HTML 6Page - Analog Devices AD606 Datasheet HTML 7Page - Analog Devices AD606 Datasheet HTML 8Page - Analog Devices AD606 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
50 MHz, 80 dB Demodulating
Logarithmic Amplifier with Limiter Output
AD606
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
FEATURES
Logarithmic Amplifier Performance
–75 dBm to +5 dBm Dynamic Range
≤1.5 nV/√Hz Input Noise
Usable to >50 MHz
37.5 mV/dB Voltage Output
On-Chip Low-Pass Output Filter
Limiter Performance
1 dB Output Flatness over 80 dB Range
3 Phase Stability at 10.7 MHz over 80 dB Range
Adjustable Output Amplitude
Low Power
+5 V Single Supply Operation
65 mW Typical Power Consumption
CMOS-Compatible Power-Down to 325
W typ
<5
s Enable/Disable Time
APPLICATIONS
Ultrasound and Sonar Processing
Phase-Stable Limiting Amplifier to 100 MHz
Received Signal Strength Indicator (RSSI)
Wide Range Signal and Power Measurement
PRODUCT DESCRIPTION
The AD606 is a complete, monolithic logarithmic amplifier
using a 9-stage “successive-detection” technique. It provides
both logarithmic and limited outputs. The logarithmic output is
from a three-pole post-demodulation low-pass filter and provides
a loadable output voltage of +0.1 V dc to +4 V dc. The logarith-
mic scaling is such that the output is +0.5 V for a sinusoidal
input of –75 dBm and +3.5 V at an input of +5 dBm; over this
range the logarithmic linearity is typically within
±0.4 dB. All
scaling parameters are proportional to the supply voltage.
The AD606 can operate above and below these limits, with
reduced linearity, to provide as much as 90 dB of conversion
range. A second low-pass filter automatically nulls the input
offset of the first stage down to the submicrovolt level. Adding
external capacitors to both filters allows operation at input fre-
quencies as low as a few hertz.
The AD606’s limiter output provides a hard-limited signal
output as a differential current of
±1.2 mA from open-collector
outputs. In a typical application, both of these outputs are
loaded by 200
Ω resistors to provide a voltage gain of more than
90 dB from the input. Transition times are 1.5 ns, and the
phase is stable to within
±3° at 10.7 MHz for signals from
–75 dBm to +5 dBm.
The logarithmic amplifier operates from a single +5 V supply
and typically consumes 65 mW. It is enabled by a CMOS logic
level voltage input, with a response time of <5
µs. When dis-
abled, the standby power is reduced to <1 mW within 5
µs.
The AD606J is specified for the commercial temperature range
of 0
°C to +70°C and is available in 16-lead plastic DIPs or
SOICs. Consult the factory for other packages and temperature
ranges.
FUNCTIONAL BLOCK DIAGRAM
REFERENCE
AND POWER-UP
ONE-POLE
FILTER
FINAL
LIMITER
MAIN SIGNAL PATH
11.15dB/STAGE
OFFSET-NULL
LOW-PASS FILTER
30pF
30pF
360k
360k
2pF
9.375k
9.375k
2pF
X2
TWO-POLE
SALLEN-KEY
FILTER
12 A/dB
2 A/dB
HIGH-END
DETECTORS
AD606
1.5k
1.5k
250
30k
30k
9
10
11
12
13
14
15
16
12
345
67
8
INLO
COMM
ISUM
ILOG
BFIN
VLOG
OPCM
LMLO
LMHI
LADJ
FIL2
FIL1
VPOS
PRUP
COMM
INHI
X1


Similar Part No. - AD606

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD606-00 ETC2-AD606-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
AD606JR ETC2-AD606JR Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Analog Devices
AD606 AD-AD606_15 Datasheet
452Kb / 12P
   50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
More results

Similar Description - AD606

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD606 AD-AD606_15 Datasheet
452Kb / 12P
   50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8309 AD-AD8309 Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8309 AD-AD8309_15 Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD641 AD-AD641 Datasheet
256Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
AD641 AD-AD641_15 Datasheet
260Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
AD641 AD-AD641_16 Datasheet
320Kb / 17P
   250 MHz Demodulating Logarithmic Amplifier
AD640 AD-AD640 Datasheet
278Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640_15 Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com