Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEF25-2804 Datasheet(PDF) 1 Page - Allied Components International

Part # AEF25-2804
Description  HIGH FREQUENCY TRANSFORMERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AEF25-2804 Datasheet(HTML) 1 Page - Allied Components International

  AEF25-2804 Datasheet HTML 1Page - Allied Components International AEF25-2804 Datasheet HTML 2Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH FREQUENCY TRANSFORMERS
AEF25-SERIES
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVISED 12/23/10
PG 1 of 2
Electrical Specifications @ 25°C — Operating Temperature -40°C to 130°C
Primary (L)
(3-1)
380µH ±10%
Leakage (L)
(3-1) with (7-9) shorted
11µH MAX
(3-1)
945m
MAX
AEF25-1297
DCR
(9-7)
40m
MAX
(4-5)
85m
MAX
Hi-Pot
Pri-Sec
3000Vrms
(3-1)
1850µH ±15%
(3-1) with (7-9) shorted
21µH MAX
(3-1)
930m
MAX
AEF25-2547
DCR
(9-7)
223m
MAX
(4-5)
408m
MAX
Hi-Pot
Pri-Sec
3000Vrms
1-3)
9850µH ±15%
(1-3) with (6,7,8,9,10) shorted
40µH MAX
(1-3)
790m
MAX
AEF25-2611
DCR
(10-8)
220m
MAX
(7-6)
15m
MAX
(4-5)
80m
MAX
Hi-Pot
Pri-Sec
3000Vrms
(3-1)
860µH ±15%
(3-1) with (7-9) shorted
78µH MAX
(3-1)
910m
MAX
AEF25-2676
DCR
( 9-7)
3050m
MAX
( 4-5)
350m
MAX
Hi-Pot
Pri-Sec
4000Vrms
(1-3)
275µH ±10%
(1-3) with (4,5,6,7,8,9,10) shorted
8.4µH MAX
(1-3)
250m
MAX
AEF25-2804
DCR
(9-10)
160m
MAX
(5-4)
400m
MAX
(6-7)
311m
MAX
Hi-Pot
Pri-Sec
3000Vrms
Topology
Flyback
Topology
Topology
Topology
Topology
Flyback
Flyback
Flyback
Half-Bridge
Primary (L)
Leakage (L)
Primary (L)
Leakage (L)
Primary (L)
Leakage (L)
Primary (L)
Leakage (L)
1
4
5
9
7
5
4
3
1
10
9
8
7
6
5
4
1
3
9
7
5
4
3
1
10
9
7
6
1
4
5
9
7
High Frequency Flyback Transformers
3000Vrms Hi-Pot Rating
20.8mm Maximum Height
29mm X 28mm Maximum Foot Print


Similar Part No. - AEF25-2804

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEF25-3672 ALLIED-AEF25-3672 Datasheet
1Mb / 4P
   EFD25 Transformer
AEF25-3963 ALLIED-AEF25-3963 Datasheet
530Kb / 2P
   Transformer
AEF25-4014 ALLIED-AEF25-4014 Datasheet
475Kb / 2P
   Transformer
AEF25-4015 ALLIED-AEF25-4015 Datasheet
394Kb / 2P
   EF25 Transformer
AEF25-4411 ALLIED-AEF25-4411 Datasheet
689Kb / 1P
   EF25 TRANSFORMER
More results

Similar Description - AEF25-2804

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEE16-1931 ALLIED-AEE16-1931 Datasheet
1Mb / 2P
   High Frequency Transformers
logo
Pulse A Technitrol Comp...
PA0931NL PULSE-PA0931NL Datasheet
116Kb / 4P
   HIGH FREQUENCY PLANAR TRANSFORMERS
PA0801 PULSE-PA0801 Datasheet
261Kb / 3P
   HIGH FREQUENCY PLANAR TRANSFORMERS
PA0491NLT PULSE-PA0491NLT Datasheet
125Kb / 2P
   HIGH FREQUENCY PLANAR TRANSFORMERS
PA0801NLT PULSE-PA0801NLT Datasheet
261Kb / 3P
   HIGH FREQUENCY PLANAR TRANSFORMERS
PA09XXNL PULSE-PA09XXNL Datasheet
631Kb / 4P
   High Frequency Planar Transformers
PA1133NLT PULSE-PA1133NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PG1895NL PULSE-PG1895NL Datasheet
774Kb / 2P
   High Frequency Wire Wound Transformers
PA0273 PULSE-PA0273 Datasheet
249Kb / 6P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1836NLT PULSE-PA1836NLT Datasheet
1Mb / 6P
   High Frequency Wire Wound Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com