Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7619 Datasheet(PDF) 3 Page - ETAL Group

Part # P7619
Description  The P7619 family comprises of medium current, non-shielded power inductors in low profile size (1.1mm typical).
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7619 Datasheet(HTML) 3 Page - ETAL Group

  P7619 Datasheet HTML 1Page - ETAL Group P7619 Datasheet HTML 2Page - ETAL Group P7619 Datasheet HTML 3Page - ETAL Group P7619 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRODUCT DATA SHEET
P7619
SPECIFICATIONS
4018 size
Tolerance code: :
M=±20%
N=±30%
Notes
1. IDC1: Based on inductance change ( T/Lo:≤30%) @ ambient temp. 25ºC
2. IDC2: Based on temprature rise ( : 40ºC Typ.)
3. Rated Current: IDI or IDC2, whichever is lower
4. Storage temp.: -40ºC to +105ºC
5. Operating Temp.: -40ºC to +105ºC (include selr temp. rise)
6. Resistance to solder heat: 260ºC 10 secs
7. Powder coating type
8. For non-standard inductance values, please contact ETAL Group AB.
Recommended PCB Pattern
Tolerance
N
P7619-4018-101□
P7619-4018-1R0□
P7619-4018-1R8□
P7619-4018-4R7□
Part No
Inductance (µH)
1
D
1,60
E
P7619-4018-1R5□
P7619-4018-2R2□
1,8
N
0.1V/100K
65
3,40
Q
47,0
M
3,3
P7619-4018-6R8□
6,8
P7619-4018-3R3□
P7619-4018-100□
M
0.1V/100K
4,70
Y
P7619-4018-220□
22,0
M
0.1V/100K
P7619-4018-470□
0,63
2170
100,0
M
0.1V/100K
0,45
0,28
1,85
1,45
1,80
1,15
1,65
3,20
Marking
(Hz)
±20%
(A)
(A)
Test Frequency
RDC (m )
IDC1
IDC2
A
1,5
M,N
0.1V/100K
60
3,70
1,70
C
0.1V/100K
50
I
M,N
0.1V/100K
97
2,70
2,2
M.N
0.1V/100K
74
1,00
M
170
G
4,7
M
0.1V/100K
120
2,20
1,30
0.1V/100K
1170
0,75
0,49
K
10,0
M
0.1V/100K
240
1,50
U
490
1,00
Size
A
B
C
D
E
F
G
4010
4.0±0.2
3.9±0.2 1.0 Max. 2.1 Typ. 0.96 Typ. 1.6 Typ. 1.1 Typ.
2.1 Typ. 0.96 Typ. 1.6 Typ. 1.1 Typ.
4012
4.0±0.2
3.9±0.2 1.2 Max.
2.1 Typ. 0.96 Typ. 1.6 Typ. 1.1 Typ.
4015
4.0±0.2
3.9±0.2 1.5 Max.
2.1 Typ. 0.96 Typ. 1.6 Typ. 1.1 Typ.
4018
4.0±0.2
3.9±0.2 1.8 Max.
CONSTRUCTION
Unit: mm
ETALDOC 1005/1
3 of 4
2012-06-26


Similar Part No. - P7619

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P761 ETC2-P761 Datasheet
120Kb / 1P
   SMP MALE HERMETIC SEAL THREAD-IN PANEL MOUNT TO STRAIGHT TERMINATION
logo
ETAL Group
P7610 ETAL-P7610 Datasheet
101Kb / 3P
   ULTRA LOW PROFILE POWER INDUCTOR
P7610-1704-100M ETAL-P7610-1704-100M Datasheet
101Kb / 3P
   ULTRA LOW PROFILE POWER INDUCTOR
P7610-1704-100MT ETAL-P7610-1704-100MT Datasheet
101Kb / 3P
   ULTRA LOW PROFILE POWER INDUCTOR
P7610-1704-101M ETAL-P7610-1704-101M Datasheet
101Kb / 3P
   ULTRA LOW PROFILE POWER INDUCTOR
More results

Similar Description - P7619

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P7617 ETAL-P7617 Datasheet
351Kb / 4P
   The P7617 family comprises of medium current, non-shielded power inductors in low profile size (2.0mm max).
P7620 ETAL-P7620 Datasheet
308Kb / 4P
   The P7620 family comprises of medium current, self-shielded power inductors in low profile size.
P7621 ETAL-P7621 Datasheet
367Kb / 4P
   The P7621 family comprises of medium current, self/shielded power inductors in low profile size.
P7616 ETAL-P7616 Datasheet
352Kb / 4P
   The P7616 family comprises of medium current, shielded power inductors in low profile size (2.0mm max.).
P7623 ETAL-P7623 Datasheet
961Kb / 13P
   The P7623 family comprises of medium current, shielded power choke coil in low profile size.
P7622 ETAL-P7622 Datasheet
573Kb / 7P
   The P7622 family comprises of medium current, shielded power choke coil in low profile size.
P7618 ETAL-P7618 Datasheet
339Kb / 4P
   The P7618 family comprises of medium current, non- shielded power inductors in low profile size (1.0mm max. to 2.0mm max.).
P7625 ETAL-P7625 Datasheet
1Mb / 6P
   The P7625 family comprises of medium to high current shielded power choke coil in low profile size.
P7624 ETAL-P7624 Datasheet
1Mb / 17P
   The P7624 family comprises of medium to high current shielded power choke coil in low profile size.
logo
Eaton All Rights Reserv...
SD53 EATON-SD53 Datasheet
385Kb / 4P
   Low profile shielded power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com