Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD636KH Datasheet(PDF) 6 Page - Analog Devices

Part # AD636KH
Description  Low Level, True RMS-to-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD636KH Datasheet(HTML) 6 Page - Analog Devices

  AD636KH Datasheet HTML 1Page - Analog Devices AD636KH Datasheet HTML 2Page - Analog Devices AD636KH Datasheet HTML 3Page - Analog Devices AD636KH Datasheet HTML 4Page - Analog Devices AD636KH Datasheet HTML 5Page - Analog Devices AD636KH Datasheet HTML 6Page - Analog Devices AD636KH Datasheet HTML 7Page - Analog Devices AD636KH Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD636
REV. B
–6–
Addition of an external resistor in parallel with RE alters this
voltage divider such that increased negative swing is possible.
Figure 11 shows the value of REXTERNAL for a particular ratio of
VPEAK to –VS for several values of RLOAD. Addition, of REXTERNAL
increases the quiescent current of the buffer amplifier by an
amount equal to REXT/–VS. Nominal buffer quiescent current
with no REXTERNAL is 30
µA at –V
S = –5 V.
REXTERNAL
1.0
0.5
0
01M
1k
10k
100k
RL = 6.7k
RL = 16.7k
RL = 50k
Figure 11. Ratio of Peak Negative Swing to –VS vs.
R EXTERNAL for Several/Load Resistances
FREQUENCY RESPONSE
The AD636 utilizes a logarithmic circuit in performing the
implicit rms computation. As with any log circuit, bandwidth is
proportional to signal level. The solid lines in the graph below
represent the frequency response of the AD636 at input levels
from 1 millivolt to 1 volt rms. The dashed lines indicate the
upper frequency limits for 1%, 10%, and
±3 dB of reading
additional error. For example, note that a 1 volt rms signal will
produce less than 1% of reading additional error up to 220 kHz.
A 10 millivolt signal can be measured with 1% of reading addi-
tional error (100
µV) up to 14 kHz.
FREQUENCY – Hz
1
200m
100m
10m
1m
30m
1k
10k
100k
1M
100
1 VOLT rms INPUT
200mV rms INPUT
100mV rms INPUT
30mV rms INPUT
10mV rms
INPUT
1mV rms INPUT
10%
3dB
10M
1%
Figure 12. AD636 Frequency Response
AC MEASUREMENT ACCURACY AND CREST FACTOR
Crest factor is often overlooked in determining the accuracy of
an ac measurement. Crest factor is defined as the ratio of the
peak signal amplitude to the rms value of the signal (C.F. = VP/
V rms) Most common waveforms, such as sine and triangle
waves, have relatively low crest factors (<2). Waveforms that
The current mirror also produces the output current, IOUT,
which equals 2I4. IOUT can be used directly or converted to a
voltage with R2 and buffered by A4 to provide a low impedance
voltage output. The transfer function of the AD636 thus results:
VOUT = 2 R2 I rms = VIN rms
The dB output is derived from the emitter of Q3, since the volt-
age at this point is proportional to –log VIN. Emitter follower,
Q5, buffers and level shifts this voltage, so that the dB output
voltage is zero when the externally supplied emitter current
(IREF) to Q5 approximates I3.
A4
6
7
5
3
9
8
4
10
14
A1
A2
A3
1
+VS
COM
RL
dB
OUT
BUF
OUT
BUFFER
BUF
IN
10k
Q5
Q4
Q2
Q1
Q3
ONE-QUADRANT
SQUARER/
DIVIDER
CAV IOUT
ABSOLUTE VALUE/
VOLTAGE –CURRENT
CONVERTER
VIN
R3
10k
8k
8k
+
R4
20k
|VIN|
R4
I1
10 A
FS
I3
20 A
FS
R1
25k
I4
R2
10k
IREF
–VS
CURRENT MIRROR
Figure 9. Simplified Schematic
THE AD636 BUFFER AMPLIFIER
The buffer amplifier included in the AD636 offers the user
additional application flexibility. It is important to understand
some of the characteristics of this amplifier to obtain optimum
performance. Figure 10 shows a simplified schematic of the buffer.
Since the output of an rms-to-dc converter is always positive, it
is not necessary to use a traditional complementary Class AB
output stage. In the AD636 buffer, a Class A emitter follower is
used instead. In addition to excellent positive output voltage
swing, this configuration allows the output to swing fully down
to ground in single-supply applications without the problems
associated with most IC operational amplifiers.
CURRENT
MIRROR
BUFFER
INPUT
BUFFER
OUTPUT
+VS
RE
40k
10k
REXTERNAL
(OPTIONAL, SEE TEXT)
–VS
RLOAD
5 A
5 A
Figure 10. AD636 Buffer Amplifier Simplified Schematic
When this amplifier is used in dual-supply applications as an
input buffer amplifier driving a load resistance referred to
ground, steps must be taken to insure an adequate negative
voltage swing. For negative outputs, current will flow from the
load resistor through the 40 k
Ω emitter resistor, setting up a
voltage divider between –VS and ground. This reduced effective
–VS, will limit the available negative output swing of the buffer.


Similar Part No. - AD636KH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD636KH AD-AD636KH Datasheet
444Kb / 16P
   Low Level, True RMS-to-DC Converter
REV. E
AD636KHZ AD-AD636KHZ Datasheet
444Kb / 16P
   Low Level, True RMS-to-DC Converter
REV. E
More results

Similar Description - AD636KH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD636 AD-AD636_15 Datasheet
677Kb / 17P
   Low Level, True RMS-to-DC Converter
Rev. E
AD636 AD-AD636_13 Datasheet
444Kb / 16P
   Low Level, True RMS-to-DC Converter
REV. E
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
   TRUE RMS TO DC CONVERTER
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
   LOW COST TRUE RMS-TO-DC CONVERTER
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
   True RMS-to-DC Converter
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
   LH0091 True RMS to DC Converter
logo
Analog Devices
AD8436 AD-AD8436_13 Datasheet
747Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. B
AD737 AD-AD737 Datasheet
149Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD736 AD-AD736_15 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD737 AD-AD737_15 Datasheet
499Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com