Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6459 Datasheet(PDF) 7 Page - Analog Devices

Part # AD6459
Description  GSM 3 V Receiver IF Subsystem
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6459 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD6459 Datasheet HTML 3Page - Analog Devices AD6459 Datasheet HTML 4Page - Analog Devices AD6459 Datasheet HTML 5Page - Analog Devices AD6459 Datasheet HTML 6Page - Analog Devices AD6459 Datasheet HTML 7Page - Analog Devices AD6459 Datasheet HTML 8Page - Analog Devices AD6459 Datasheet HTML 9Page - Analog Devices AD6459 Datasheet HTML 10Page - Analog Devices AD6459 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD6459
–7–
REV. 0
PLL FREQUENCY – MHz
–0.1
–1.5
555
10
15
20
25
30
35
40
45
50
–0.3
–0.5
–0.7
–0.9
–1.1
–1.3
Figure 15. PLL Loop Voltage at FLTR Pin (KVCO) vs.
Frequency
GAIN VOLTAGE – Volts
–10
–20
–80
0.5
2.5
1.0
1.5
2.0
–40
–50
–60
–70
–30
Figure 16. System (Mixer + IF LC Filter +IF Amplifier +
Demodulator) 1 dB Compression Point vs. Gain,
TA = +25°C, VPOS = 2.7 V, FIF = 13 MHz, VREF = 1.2 V
GAIN VOLTAGE – Volts
–10
–20
0
0.5
2.5
1.0
1.5
2.0
–40
–50
–60
–70
–30
Figure 17. System (Mixer + IF LC Filter + I F Amplifier +
Demodulator) IP3 vs. Gain, TA = +25°C, VPOS = 2.7 V,
IF = 13 MHz, VREF = 1.2 V
GAIN VOLTAGE – Volts
18
16
4
0
2.5
0.5
1
1.5
2
12
10
8
6
14
VPOS = 2.7V, TA = +85°C
VPOS = 2.7V, TA = +25°C
VPOS = 5.5V, TA = +85°C
VPOS = 5.5V, TA = +25°C
VPOS = 5.5V, TA = –40°C
Figure 18. Power Supply Current vs. Gain Control
Voltage, VREF = 1.2 V


Similar Part No. - AD6459

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD645 AD-AD645 Datasheet
439Kb / 8P
   Low Noise, Low Drift FET Op Amp
REV. B
AD6458 AD-AD6458 Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6458ARS AD-AD6458ARS Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD645A AD-AD645A Datasheet
439Kb / 8P
   Low Noise, Low Drift FET Op Amp
REV. B
AD645AH AD-AD645AH Datasheet
439Kb / 8P
   Low Noise, Low Drift FET Op Amp
REV. B
More results

Similar Description - AD6459

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6458 AD-AD6458 Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6432 AD-AD6432 Datasheet
334Kb / 20P
   GSM 3 V Transceiver IF Subsystem
REV. 0
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009 Datasheet
261Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607 AD-AD607_15 Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
AD608ARZ AD-AD608ARZ Datasheet
326Kb / 16P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD608 AD-AD608 Datasheet
196Kb / 12P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com