Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6459 Datasheet(PDF) 10 Page - Analog Devices

Part # AD6459
Description  GSM 3 V Receiver IF Subsystem
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6459 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD6459 Datasheet HTML 4Page - Analog Devices AD6459 Datasheet HTML 5Page - Analog Devices AD6459 Datasheet HTML 6Page - Analog Devices AD6459 Datasheet HTML 7Page - Analog Devices AD6459 Datasheet HTML 8Page - Analog Devices AD6459 Datasheet HTML 9Page - Analog Devices AD6459 Datasheet HTML 10Page - Analog Devices AD6459 Datasheet HTML 11Page - Analog Devices AD6459 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD6459
–10–
REV. 0
I/Q Demodulators
Both demodulators (I and Q) receive their inputs internally
from the IF amplifiers. Each demodulator comprises a full-wave
synchronous detector followed by an 8 MHz, two-pole low-pass
filter, producing differential outputs at pins IRXP and IRXN,
and QRXP and QRXN. Using the I and Q demodulators for
IFs above 50 MHz is precluded by the 5 MHz to 50 MHz range
of the PLL used in the demodulator section.
The I and Q outputs are differential and can swing up to
2.2 V p-p at the low supply voltage of 2.7 V. They are nominally
centered at 1.5 V, independent of power supply. They can
therefore directly drive the RX ADCs in the AD7015 baseband
converter, which require an amplitude of 1.23 V to fully load
them when driven by a differential signal. The conversion gain
of the I and Q demodulators is 17 dB.
For IFs of less than 8 MHz, the on-chip low-pass filters (8 MHz
cutoff) do not adequately attenuate the IF or feedthrough
products; thus, the maximum input voltage must be limited to
allow sufficient headroom at the I and Q outputs for not only
the desired baseband signal but also the unattenuated higher-
order demodulation products. These products can be removed
by an external low-pass filter. A simple 1-pole RC filter with its
corner above the modulation bandwidth is sufficient to attenu-
ate undesired outputs. The design of the RC filter is eased by
the 4.7 k
Ω resistor integrated at each I and Q output pin.
Phase-Locked Loop
The demodulators are driven by quadrature signals that are
provided by a variable-frequency quadrature oscillator (VFQO),
phase-locked to a reference signal applied to pin FREF. When
this signal is at the IF, inphase and quadrature baseband
outputs are generated at the I output (IRXP and IRXN) and Q
output (QRXP and QRXN), respectively. The quadrature
accuracy of this VFQO is typically within
±1.5° at 19.5 MHz. A
simplified diagram of the FREF input is shown in Figure 25.
FREF
20k
5k
50µA PTAT
VPOS
5k
Figure 25. Simplified Schematic of the FREF interface
The VFQO operates from 5 MHz to 50 MHz and is controlled
by the voltage between VPOS and FLTR. In normal operation a
series RC network, forming the PLL loop filter, is connected
from FLTR to VPOS. The use of an integral sample-hold system
ensures that the frequency-control voltage on pin FLTR remains
held during power-down, so reacquisition of the carrier occurs
in less than 80
µs.
In practice, the probability of a phase mismatch at power-up is
high, so the worst case linear settling period to full lock needs to
be considered in making filter choices. This is typically < 80
µs for
a quadrature phase error of
±3° at an IF of 19.5 MHz. Note that
the VFQO always provides quadrature between its own I and Q
outputs, but the phasing between it and the reference carrier
will swing around the final value during the PLL’s settling time.
Bias System
The AD6459 operates from a single supply (VPOS) usually 3 V,
at a typical supply current of 8 mA at midgain and TA = +25
°C,
corresponding to a power consumption of 24 mW. Any voltage
from 2.7 V to 5.5 V may be used.
The bias system includes a fast-acting active high CMOS-
compatible power-up switch, allowing the part to idle at 2
µA
when disabled. Biasing is generally proportional-to-absolute-
temperature (PTAT) to ensure stable gain with temperature.
Other special biasing techniques are used to ensure very
accurate gain, stable over the full temperature range.
USING THE AD6459
In this section, we will focus on a few areas of special impor-
tance and include a few general application tips. As with any
wideband high gain component, great care is needed in PC
board layout. The location of the particular grounding points
must be considered with due regard to the possibility of
unwanted signal coupling.
The high sensitivity of the AD6459 leads to the possibility that
unwanted local EM signals may have an effect on the perfor-
mance. During system development, carefully-shielded test
assemblies should be used. The best solution is to use a fully
enclosed box enclosing all components with the minimum
number of needed signal connectors (RF, LO, I and Q outputs)
in miniature coax form.
Gain Distribution
As with all receivers, the most critical decisions in effectively
using the AD6459 relate to the partitioning of gain between the
various subsections (Mixer, IF Amplifier/Demodulator) and the
placement of filters to achieve the highest overall signal-to-noise
ratio and lowest intermodulation distortion.
Figure 26 shows an example of the main RF/IF signal path at
maximum and minimum signal levels.
SIGNAL LEVEL
IN dBm
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
MIXER
CONVERSION
GAIN
3dB
FILTER GAIN
IF
GAIN
DEMOD.
CONV.
GAIN
I
Q
CONSTANT
BASEBAND
OUTPUT
35mV
–36dBm
–16dBm
–19dBm
–76dBm
–79dBm
–19dBm
–22dBm
–79dBm
–82dBm
–15dBm
–19dBm
–95dBm
–99dBm
IF INPUT
250 MHz
Figure 26. Signal Levels and Gain, Showing 76 dB Typical
and 80 dB Maximum Range in an Example Application


Similar Part No. - AD6459

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD645 AD-AD645 Datasheet
439Kb / 8P
   Low Noise, Low Drift FET Op Amp
REV. B
AD6458 AD-AD6458 Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6458ARS AD-AD6458ARS Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD645A AD-AD645A Datasheet
439Kb / 8P
   Low Noise, Low Drift FET Op Amp
REV. B
AD645AH AD-AD645AH Datasheet
439Kb / 8P
   Low Noise, Low Drift FET Op Amp
REV. B
More results

Similar Description - AD6459

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6458 AD-AD6458 Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6432 AD-AD6432 Datasheet
334Kb / 20P
   GSM 3 V Transceiver IF Subsystem
REV. 0
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009 Datasheet
261Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607 AD-AD607_15 Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
AD608ARZ AD-AD608ARZ Datasheet
326Kb / 16P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD608 AD-AD608 Datasheet
196Kb / 12P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com