Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD650S Datasheet(PDF) 5 Page - Analog Devices

Part # AD650S
Description  Voltage-to-Frequency and Frequency-to-Voltage Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD650S Datasheet(HTML) 5 Page - Analog Devices

  AD650S Datasheet HTML 1Page - Analog Devices AD650S Datasheet HTML 2Page - Analog Devices AD650S Datasheet HTML 3Page - Analog Devices AD650S Datasheet HTML 4Page - Analog Devices AD650S Datasheet HTML 5Page - Analog Devices AD650S Datasheet HTML 6Page - Analog Devices AD650S Datasheet HTML 7Page - Analog Devices AD650S Datasheet HTML 8Page - Analog Devices AD650S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD650
REV. C
–5–
at analog ground is opened allowing that voltage to change. An
internal 0.5 mA current source connected to Pin 6 then draws
its current out of COS, causing the voltage at Pin 6 to decrease
linearly. At approximately –3.4 V, the one shot resets itself,
thereby ending the timed period and starting the V/F conversion
cycle over again. The total one shot time period can be written
mathematically as:
tOS
=
∆VCOS
IDISCHARGE
+ TGATE DELAY
(5)
substituting actual values quoted above,
tOS
=
–3.4 V
× COS
–0.5
×10–3A +
300
×10–9 sec
(6)
This simplifies into the timed period equation given above.
COMPONENT SELECTION
Only four component values must be selected by the user. These
are input resistance RIN, timing capacitor COS, logic resistor R2,
and integration capacitor CINT. The first two determine the
input voltage and full-scale frequency, while the last two are
determined by other circuit considerations.
Of the four components to be selected, R2 is the easiest to
define. As a pull-up resistor, it should be chosen to limit the
current through the output transistor to 8 mA if a TTL maxi-
mum VOL of 0.4 V is desired. For example, if a 5 V logic supply
is used, R2 should be no smaller than 5 V/8 mA or 625
Ω. A
larger value can be used if desired.
RIN and COS are the only two parameters available to set the
full- scale frequency to accommodate the given signal range.
The “swing” variable that is affected by the choice of RIN and
COS is nonlinearity. The selection guide of Figure 3 shows this
quite graphically. In general, larger values of COS and lower
full-scale input currents (higher values of RIN) provide better
linearity. In Figure 3, the implications of four different choices
of RIN are shown. Although the selection guide is set up for a
unipolar configuration with a zero to 10 V input signal range,
the results can be extended to other configurations and input
signal ranges. For a full scale frequency of 100 kHz (corre-
sponding to 10 V input), you can see that among the available
choices, RIN = 20 k and COS = 620 pF gives the lowest nonlin-
earity, 0.0038%. Also, if you wish to use the highest frequency
that will give the 20 ppm minimum nonlinearity, it is approxi-
mately 33 kHz (40.2 k
Ω and 1000 pF).
For input signal spans other than 10 V, the input resistance
must be scaled proportionately. For example, if 100 k
Ω is called
out for a 0 V–10 V span, 10k would be used with a 0 V–1 V
span, or 200 k
Ω with a ±10 V bipolar connection.
The last component to be selected is the integration capacitor
CINT. In almost all cases, the best value for CINT can be calcu-
lated using the equation:
CINT
= 10
–4F / sec
f MAX
(1000 pF minimum)
(7)
When the proper value for CINT is used, the charge balance
architecture of the AD650 provides continuous integration of
the input signal, hence large amounts of noise and interference
Figure 3a. Full-Scale Frequency vs. COS
Figure 3b. Typical Nonlinearity vs. COS
can be rejected. If the output frequency is measured by counting
pulses during a constant gate period, the integration provides
infinite normal-mode rejection for frequencies corresponding to
the gate period and its harmonics. However, if the integrator
stage becomes saturated by an excessively large noise pulse, the
continuous integration of the signal will be interrupted, allowing
the noise to appear at the output. If the approximate amount of
noise that will appear on CINT is known (VNOISE), the value of
CINT can be checked using the following inequality:
CINT
>
tOS
×1×10–3 A
+V
S –3V –V NOISE
(8)
For example, consider an application calling for a maximum
frequency of 75 kHz, a 0 volt–1 volt signal range, and supply
voltages of only
±9 volts. The component selection guide of Fig-
ure 3 is used to select 2.0 k
Ω for RIN and 1000 pF for COS. This
results in a one shot time period of approximately 7
µs. Sub-
stituting 75 kHz into equation 7 yields a value of 1300 pF for
CINT. When the input signal is near zero, 1 mA flows through the
integration capacitor to the switched current sink during the reset
phase, causing the voltage across CINT to increase by approximately
5.5 volts. Since the integrator output stage requires approximately
3 volts head room for proper operation, only 0.5 volt margin
remains for integrating extraneous noise on the signal line. A
negative noise pulse at this time might saturate the integrator,
causing an error in signal integration. Increasing CINT to 1500 pF
or 2000 pF will provide much more noise margin, thereby elimi-
nating this potential trouble spot.


Similar Part No. - AD650S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD650SD AD-AD650SD Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. E
AD650SD AD-AD650SD Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
AD650SD-883B AD-AD650SD-883B Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. E
AD650SD/883B AD-AD650SD/883B Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
More results

Similar Description - AD650S

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_17 Datasheet
449Kb / 21P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. A
logo
Burr-Brown (TI)
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32 AD-ADVFC32_17 Datasheet
375Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32KNZ AD-ADVFC32KNZ Datasheet
345Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. B
logo
Texas Instruments
VFC320 TI-VFC320 Datasheet
233Kb / 12P
[Old version datasheet]   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com