Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN33016UA Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # AN33016UA
Description  VIN = 5 to 39 V, VOUT = 1.2 to 9 V, 1-channel DC-DC Step down Regulator integrated N-channel Power MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN33016UA Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button AN33016UA Datasheet HTML 5Page - Panasonic Semiconductor AN33016UA Datasheet HTML 6Page - Panasonic Semiconductor AN33016UA Datasheet HTML 7Page - Panasonic Semiconductor AN33016UA Datasheet HTML 8Page - Panasonic Semiconductor AN33016UA Datasheet HTML 9Page - Panasonic Semiconductor AN33016UA Datasheet HTML 10Page - Panasonic Semiconductor AN33016UA Datasheet HTML 11Page - Panasonic Semiconductor AN33016UA Datasheet HTML 12Page - Panasonic Semiconductor AN33016UA Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
AN33016UA
Ver. AEB
• ON/OFF operation sequence by VCC pin control (EN pin is connected to VCC).
Note) All values given in the above figure are typical values.
Note) The characteristics listed below are reference values derived from the design of the IC and are not guaranteed.
OPERATION (Continued)
Figure : Power ON/OFF sequence by VCC/EN
VCC
EN
VOUT
VREG
SS
t
4.3 V
2.2 V
4.0 V
2.0 V
10
μs or more
2. Start / Stop Control Timing Chart


Similar Part No. - AN33016UA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN33012UA PANASONIC-AN33012UA Datasheet
607Kb / 20P
   5 to 25 V, VOUT = 1.2 to 22 V, 2-channel DC-DC Controller IC with Step down regulation
2013-06-28
AN33014UA PANASONIC-AN33014UA Datasheet
1Mb / 23P
   VIN = 5 to 25 V, 1-channel DC-DC Step down Regulator integrated N-channel Power MOSFET for USB
2013-11-08
logo
Panasonic Battery Group
AN3301X PANASONICBATTERY-AN3301X Datasheet
431Kb / 2P
   Highly Reliable DC/DC Series Step-Down Regulators with Controllable Switching Frequency
More results

Similar Description - AN33016UA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN33014UA PANASONIC-AN33014UA Datasheet
1Mb / 23P
   VIN = 5 to 25 V, 1-channel DC-DC Step down Regulator integrated N-channel Power MOSFET for USB
2013-11-08
AN33012UA PANASONIC-AN33012UA Datasheet
607Kb / 20P
   5 to 25 V, VOUT = 1.2 to 22 V, 2-channel DC-DC Controller IC with Step down regulation
2013-06-28
logo
Analog Devices
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Panasonic Semiconductor
AN30180A PANASONIC-AN30180A Datasheet
360Kb / 17P
   VIN = 2.5V to 5.5V 1.2A Synchronous DC-DC Step Down Regulator
logo
STMicroelectronics
STEVAL-ISA198V1 STMICROELECTRONICS-STEVAL-ISA198V1 Datasheet
273Kb / 4P
   2 A step down DC - DC switching regulator (VIN = 4.5 V to 60 V) based on the L7987L
November 2016 Rev 1
logo
Analog Devices
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
   20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
   20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
Rev. C
ADP2384 AD-ADP2384 Datasheet
650Kb / 24P
   20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
logo
Texas Instruments
TPS54561 TI1-TPS54561_16 Datasheet
2Mb / 53P
[Old version datasheet]   4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com