Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD648SQ Datasheet(PDF) 8 Page - Analog Devices

Part # AD648SQ
Description  Dual Precision, Low Power BiFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD648SQ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD648SQ Datasheet HTML 4Page - Analog Devices AD648SQ Datasheet HTML 5Page - Analog Devices AD648SQ Datasheet HTML 6Page - Analog Devices AD648SQ Datasheet HTML 7Page - Analog Devices AD648SQ Datasheet HTML 8Page - Analog Devices AD648SQ Datasheet HTML 9Page - Analog Devices AD648SQ Datasheet HTML 10Page - Analog Devices AD648SQ Datasheet HTML 11Page - Analog Devices AD648SQ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD648
REV. C
–8–
TEMP
RSH
VOS
IB
C(M )( V)
(1 + RF/RSH) VOS
(pA)
IBRF
TOTAL
–25
15,970
150
151
V
0.30
30
V
181
V
0
2,830
225
233
V
2.26
262
V
495
V
+25
500
300
360
V
10.00
1.0 mV
1.36 mV
+50
88.5
375
800
V
56.6
5.6 mV
6.40 mV
+75
15.6
450
3.33 mV
320
32 mV
35.3 mV
+85
7.8
480
6.63 mV
640
64 mV
70.6 mV
Figure 28. Photodiode Pre-Amp Errors Over Temperature
DUAL PHOTODIODE PREAMP
The performance of the dual photodiode preamp shown in Fig-
ure 27 is enhanced by the AD648’s low input current, input
voltage offset, and offset voltage drift. Each photodiode sources
a current proportional to the incident light power on its surface.
RF converts the photodiode current to an output voltage equal
to RF × IS.
An error budget illustrating the importance of low amplifier in-
put current, voltage offset, and offset voltage drift to minimize
output voltage errors can be developed by considering the
equivalent circuit for the small (0.2 mm
2 area) photodiode
shown in Figure 27. The input current results in an error pro-
portional to the feedback resistance used. The amplifier’s offset
will produce an error proportional to the preamp’s noise gain
(1+RF/RSH), where RSH is the photodiode shunt resistance. The
amplifier’s input current will double with every 10
°C rise in
temperature, and the photodiode’s shunt resistance halves with
every 10
°C rise. The error budget in Figure 28 assumes a room
temperature photodiode RSH of 500 M
Ω, and the maximum in-
put current and input offset voltage specs of an AD648C.
The capacitance at the amplifier’s negative input (the sum of the
photodiode’s shunt capacitance, the op amp’s differential input
capacitance, stray capacitance due to wiring, etc.) will cause a
rise in the preamp’s noise gain over frequency. This can result in
excess noise over the bandwidth of interest. CF reduces the
noise gain “peaking” at the expense of signal bandwidth.
Figure 27. A Dual Photodiode Pre-Amp
The AD648 in this configuration provides a 700 kHz small sig-
nal bandwidth and 1.8 V/
µs typical slew rate. The 33 pF capaci-
tor across the feedback resistor optimizes the circuit’s response.
The oscilloscope photos in Figures 26a and 26b show small and
large signal outputs of the circuit in Figure 24. Upper traces
show the input signal VIN. Lower traces are the resulting output
voltage with the DAC’s digital input set to all 1s. The circuit
settles to
±0.01% for a 20 V input step in 14 µs.
Figure 26a. Response to
±20 V p-p Reference Square
Wave
Figure 26b. Response to
±100 mV p-p Reference Square
Wave


Similar Part No. - AD648SQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD648 AD-AD648_15 Datasheet
209Kb / 12P
   Dual Precision, Low Power BiFET Op Amp
REV. E
More results

Similar Description - AD648SQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD648 AD-AD648_15 Datasheet
209Kb / 12P
   Dual Precision, Low Power BiFET Op Amp
REV. E
AD548SH AD-AD548SH Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
AD548 AD-AD548 Datasheet
198Kb / 8P
   Precision, Low Power BiFET Op Amp
REV. B
AD548 AD-AD548_02 Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
AD548KNZ AD-AD548KNZ Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
AD548 AD-AD548_15 Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD642 AD-AD642_15 Datasheet
399Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD712 AD-AD712_06 Datasheet
522Kb / 20P
   Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD712 AD-AD712 Datasheet
635Kb / 15P
   Dual Precision, Low Cost, High Speed, BiFET Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com