Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6644ST Datasheet(PDF) 11 Page - Analog Devices

Part # AD6644ST
Description  14-Bit, 40 MSPS/65 MSPS A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6644ST Datasheet(HTML) 11 Page - Analog Devices

Back Button AD6644ST Datasheet HTML 7Page - Analog Devices AD6644ST Datasheet HTML 8Page - Analog Devices AD6644ST Datasheet HTML 9Page - Analog Devices AD6644ST Datasheet HTML 10Page - Analog Devices AD6644ST Datasheet HTML 11Page - Analog Devices AD6644ST Datasheet HTML 12Page - Analog Devices AD6644ST Datasheet HTML 13Page - Analog Devices AD6644ST Datasheet HTML 14Page - Analog Devices AD6644ST Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
AD6644
–11–
REV. 0
FREQUENCY – MHz
0
–120
0
5
10
15
20
–130
25
30
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
ENCODE = 65MSPS
AIN = 15.5MHz @ –29.5dBFS
NO DITHER
Figure 20. 1M FFT Without Dither
–90
0
–80
–30
–10
90
50
10
0
40
70
–70
–50
–40
20
30
60
80
100
ENCODE = 65MSPS
AIN = 15.5MHz
NO DITHER
–60
–20
ANALOG INPUT POWER LEVEL – dBFS
SFDR = 90dB
REFERENCE LINE
Figure 21. SFDR Without Dither
ENCODE = 65MSPS
30.5MHz
ENCODE INPUT POWER – dBm
–15.0
15.0
–10.0
0
5.0
80
70
65
85
95
–5.0
10.0
75
WORST SPUR
90
2.2MHz
2.2MHz
30.5MHz
SNR
Figure 22. SNR, Worst Spurious vs. Clamped Encode
Power (See Figure 25)
FREQUENCY – MHz
0
–120
0
5
101520
–130
25
30
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
ENCODE = 65MSPS
AIN = 15.5MHz @ –29.5dBFS
DITHER @ –19dBm
Figure 23. 1M FFT with Dither
–90
0
–80
–30
–10
90
50
10
0
40
70
–70
–50
–40
20
30
60
80
100
ENCODE = 65MSPS
AIN = 15.5MHz
DITHER = –19dBm
–60
–20
ANALOG INPUT POWER LEVEL – dBFS
SFDR = 90dB
REFERENCE LINE
SFDR = 100dB
REFERENCE LINE
Figure 24. SFDR with Dither


Similar Part No. - AD6644ST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6644ST/PCB AD-AD6644ST/PCB Datasheet
738Kb / 25P
   Analog-to-Digital Converter
AD6644ST/PCBZ AD-AD6644ST/PCBZ Datasheet
738Kb / 25P
   Analog-to-Digital Converter
AD6644STPCB AD-AD6644STPCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD6644ST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9244 AD-AD9244 Datasheet
1Mb / 36P
   14-Bit, 40/65 MSPS Monolithic A/D Converter
REV. A
AD9245 AD-AD9245 Datasheet
881Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com